Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42226-0202 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 42226-0202
Description  KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 27 Circuits, 0.76關m Gold (Au) Selective Plating, with Kinked PC Tails
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

42226-0202 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  42226-0202 Datasheet HTML 1Page - Molex Electronics Ltd. 42226-0202 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 02/25/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
22-28-2276
Status:
Active
Overview:
KK® Interconnect System - Molex
Description:
KK® 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 27 Circuits,
0.76µm Gold (Au) Selective Plating, with Kinked PC Tails
Documents:
3D Model
Product Specification PS-10-07 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
42226
Application
Signal, Wire-to-Board
Application Tooling Part Link
11-20-1230
Overview
KK® Interconnect System - Molex
Product Name
KK® 254
UPC
800753811805
Physical
Breakaway
Yes
Circuits (Loaded)
27
Circuits (maximum)
27
Color - Resin
Black
Durability (mating cycles max)
100
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Net Weight
4.292/g
Number of Rows
1
Orientation
Right Angle
PC Tail Length
3.43mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
2.54mm
Plating min - Mating
0.762µm
Plating min - Termination
2.540µm
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
No
Temperature Range - Operating
See Product Specification
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
4A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42226Series
Mates With
KK® Crimp Housing 2695 , 6471 , 7880 ,
KK® PC Board Connector 4455


Similar Part No. - 42226-0202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42226-0202 MOLEX2-42226-0202 Datasheet
231Kb / 9P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 27 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with Kinked PC Tails
More results

Similar Description - 42226-0202

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-2275 MOLEX11-22-28-2275 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 27 Circuits, 0.38關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2176 MOLEX11-22-28-2176 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 17 Circuits, 0.76關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2366 MOLEX11-22-28-2366 Datasheet
72Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 36 Circuits, 0.76關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2306 MOLEX11-22-28-2306 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 30 Circuits, 0.76關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2336 MOLEX11-22-28-2336 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 33 Circuits, 0.76關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2096 MOLEX11-22-28-2096 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 9 Circuits, 0.76關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2046 MOLEX11-22-28-2046 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 4 Circuits, 0.76關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2146 MOLEX11-22-28-2146 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 14 Circuits, 0.76關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2216 MOLEX11-22-28-2216 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 21 Circuits, 0.76關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2316 MOLEX11-22-28-2316 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 31 Circuits, 0.76關m Gold (Au) Selective Plating, with Kinked PC Tails
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com