Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE45140 Datasheet(PDF) 5 Page - Peregrine Semiconductor

Part # PE45140
Description  UltraCMOS짰 Power Limiter 20 MHz?? GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE45140 Datasheet(HTML) 5 Page - Peregrine Semiconductor

  PE45140 Datasheet HTML 1Page - Peregrine Semiconductor PE45140 Datasheet HTML 2Page - Peregrine Semiconductor PE45140 Datasheet HTML 3Page - Peregrine Semiconductor PE45140 Datasheet HTML 4Page - Peregrine Semiconductor PE45140 Datasheet HTML 5Page - Peregrine Semiconductor PE45140 Datasheet HTML 6Page - Peregrine Semiconductor PE45140 Datasheet HTML 7Page - Peregrine Semiconductor PE45140 Datasheet HTML 8Page - Peregrine Semiconductor PE45140 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary Specification
PE45140
Page 5 of 12
Document No. DOC-44014-3 │ www.psemi.com
©2014 Peregrine Semiconductor Corp. All rights reserved.
Thermal Data
When limiting high power RF signals, the junction
temperature of the power limiter can rise
significantly.
Special consideration needs to be made in the
design of the PCB to properly dissipate the heat
away from the part and maintain the +270°C
maximum junction temperature.
It is recommended to use best design practices for
high power QFN packages: multi-layer PCBs with
thermal vias in a thermal pad soldered to the slug
of the package. Special care also needs to be
made to alleviate solder voiding under the part.
Table 5. Theta JC
Parameter
Min
Typ
Max
Unit
Theta JC
16
°C/W


Similar Part No. - PE45140

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45140 PASTERNACK-PE45140 Datasheet
356Kb / 3P
   SMA Male Connector Clamp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
More results

Similar Description - PE45140

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE45450 PSEMI-PE45450 Datasheet
805Kb / 12P
   UltraCMOS짰 Power Limiter
PE45361 PSEMI-PE45361 Datasheet
359Kb / 14P
   Power Limiter, 10 MHz?? GHz
logo
Teledyne Technologies I...
TDLM025100 TELEDYNE-TDLM025100 Datasheet
2Mb / 13P
   RF Power Limiter, 10 MHz–2.5 GHz
11/2019
logo
Filtronic Compound Semi...
LML221 FILTRONIC-LML221 Datasheet
13Kb / 1P
   2-20 GHz MMIC Limiter
logo
TriQuint Semiconductor
TGM2543-SM TRIQUINT-TGM2543-SM Datasheet
890Kb / 11P
   4-20 GHz Limiter/LNA
logo
Peregrine Semiconductor
PE42641MLBC-Z PSEMI-PE42641MLBC-Z Datasheet
232Kb / 8P
   SP4T UltraCMOS짰 RF Switch 100 MHz ??3.0 GHz
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
   SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
   UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
PE42359 PSEMI-PE42359 Datasheet
477Kb / 14P
   SPDT UltraCMOS짰 RF Switch 10 MHz ??3 GHz
PE4314 PSEMI-PE4314_V01 Datasheet
727Kb / 27P
   UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com