Electronic Components Datasheet Search |
|
PE43704 Datasheet(PDF) 3 Page - Peregrine Semiconductor |
|
PE43704 Datasheet(HTML) 3 Page - Peregrine Semiconductor |
3 / 20 page PE43704 Product Specification ©2012-2013 Peregrine Semiconductor Corp. All rights reserved. Document No. DOC-16514-6 | www.psemi.com Page 3 of 20 Table 2. Electrical Specifications: 0.5 dB steps @ +25°C, VDD = 2.3V to 5.5V, VssEXT = 0V or VDD = 3.4V to 5.5V, VssEXT = -3.4V (ZS = ZL = 50Ω) unless otherwise noted Parameter Condition Frequency Min Typ Max Unit Operating frequency 9 kHz 7000 MHz As shown Attenuation range 0.5 dB Step 0 – 31.5 dB Insertion loss 9 kHz – 2 GHz 2 GHz – 4 GHz 4 GHz – 6 GHz 6 GHz – 7 GHz 1.3 1.7 2.4 2.5 1.4 1.9 2.7 2.9 dB dB dB dB Attenuation error 0 dB – 15.5 dB Attenuation settings 9 KHz ≤4 GHz (0.15 + 3% of Attenuation Setting) - (0.1 + 2% of Attenuation Setting) dB dB 4 GHz – 7 GHz + (0.25 + 5% of Attenuation Setting) - 0.25 dB dB 9 KHz ≤4 GHz + (0.15 + 3% of Attenuation Setting) - (0.1 + 2% of Attenuation Setting) dB dB 4 GHz – 7 GHz + (0.25 + 6% of Attenuation Setting) - (0.25 + 2.5% of Attenuation Setting) dB dB Return loss Input port 9 kHz – 4 GHz 4 GHz – 7 GHz 20 16 dB dB Return loss Output port 9 kHz – 4 GHz 4 GHz – 7 GHz 17 14 dB dB Relative phase 0 dB – 31.5 dB Attenuation settings 9 kHz – 7 GHz 65 deg Input 1dB compression point1 50 MHz – 7 GHz 32 34 dBm IIP3 Two tones at +18 dBm, 20 MHz spacing 50 MHz – 7 GHz 61 dBm Typical spurious value2 VssEXT = 0V –140 dBm RF Trise/Tfall 10% / 90% RF 600 ns Settling time RF settled to within 0.05 dB of final value 2 µs Switching time 50% CTRL to 90% or 10% RF 1.1 µs 16 dB – 31.5 dB Attenuation settings Notes: 1. The input 1dB compression point is a linearity figure of merit. Refer to Table 5 for the RF input power PIN (50Ω) 2. To prevent negative voltage generator spurs, supply –3.4 volts to VssEXT Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com |
Similar Part No. - PE43704_14 |
|
Similar Description - PE43704_14 |