Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE43602 Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE43602
Description  50 廓 RF Digital Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43602 Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE43602_14 Datasheet HTML 1Page - Peregrine Semiconductor PE43602_14 Datasheet HTML 2Page - Peregrine Semiconductor PE43602_14 Datasheet HTML 3Page - Peregrine Semiconductor PE43602_14 Datasheet HTML 4Page - Peregrine Semiconductor PE43602_14 Datasheet HTML 5Page - Peregrine Semiconductor PE43602_14 Datasheet HTML 6Page - Peregrine Semiconductor PE43602_14 Datasheet HTML 7Page - Peregrine Semiconductor PE43602_14 Datasheet HTML 8Page - Peregrine Semiconductor PE43602_14 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Page 1 of 11
Document No. 70-0248-05
│ www.psemi.com
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
The PE43602 is a HaRP
™-enhanced, high linearity, 6-bit RF
Digital Step Attenuator (DSA) covering a 31.5 dB attenuation
range in 0.5 dB steps. This Peregrine 50
Ω RF DSA provides
both a serial and parallel CMOS control interface. It maintains
high attenuation accuracy over frequency and temperature and
exhibits very low insertion loss and low power consumption.
Performance does not change with VDD due to on-board
regulator. This next generation Peregrine DSA is available in a
4x4 mm 24 lead QFN footprint.
The PE43602 is manufactured on Peregrine’s UltraCMOS™
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
50
Ω RF Digital Attenuator
6-bit, 31.5 dB, 9 kHz - 5.0 GHz
Product Description
PE43602
Features
HaRP™-enhanced UltraCMOS™ device
Attenuation: 0.5 dB steps to 31.5-dB
High Linearity: Typical +58 dBm IIP3
Excellent low-frequency performance
3.3 V or 5.0 V Power Supply Voltage
Fast switch settling time
Programming Modes:
Direct Parallel
Latched Parallel
Serial
High-attenuation state @ power-up (PUP)
CMOS Compatible
No DC blocking capacitors required
Packaged in a 24-lead 4x4x0.85 mm QFN
Figure 1. Package Photo
24-lead 4x4x0.85 mm QFN Package
Figure 2. Functional Schematic Diagram
Control Logic Interface
RF Input
RF Output
Serial In
LE
CLK
Parallel Control 7
P/S
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE43602_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43602 PEREGRINE-PE43602_15 Datasheet
442Kb / 11P
   RF Digital Attenuator
More results

Similar Description - PE43602_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43204 PSEMI-PE43204_14 Datasheet
854Kb / 8P
   50 廓 RF Digital Attenuator
PE43701 PSEMI-PE43701_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
PE43703 PSEMI-PE43703_14 Datasheet
1,022Kb / 15P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43503 PEREGRINE-PE43503 Datasheet
437Kb / 11P
   50 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4302 PSEMI-PE4302_14 Datasheet
1Mb / 10P
   50 廓 RF Digital Attenuator
PE43601 PSEMI-PE43601_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
   50 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com