Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE43205 Datasheet(PDF) 11 Page - Peregrine Semiconductor

Part # PE43205
Description  UltraCMOS짰 RF Digital Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43205 Datasheet(HTML) 11 Page - Peregrine Semiconductor

Back Button PE43205 Datasheet HTML 3Page - Peregrine Semiconductor PE43205 Datasheet HTML 4Page - Peregrine Semiconductor PE43205 Datasheet HTML 5Page - Peregrine Semiconductor PE43205 Datasheet HTML 6Page - Peregrine Semiconductor PE43205 Datasheet HTML 7Page - Peregrine Semiconductor PE43205 Datasheet HTML 8Page - Peregrine Semiconductor PE43205 Datasheet HTML 9Page - Peregrine Semiconductor PE43205 Datasheet HTML 10Page - Peregrine Semiconductor PE43205 Datasheet HTML 11Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Product Specification
PE43205
Page 11 of 11
Document No. DOC-30914-3 │ www.psemi.com
©2013-2014 Peregrine Semiconductor Corp. All rights reserved.
Tape Feed Direction
Device Orientation in Tape
Top of
Device
Pin 1
Figure 7. Tape and Reel Drawing
Advance Information: The product is in a formative or design stage. The datasheet contains design target
specifications for product development. Specifications and features may change in any manner without notice.
Preliminary Specification: The datasheet contains preliminary data. Additional data may be added at a later
date. Peregrine reserves the right to change specifications at any time without notice in order to supply the best
possible product. Product Specification: The datasheet contains final data. In the event Peregrine decides to
change the specifications, Peregrine will notify customers of the intended changes by issuing a CNF (Customer
Notification Form).
The information in this datasheet is believed to be reliable. However, Peregrine assumes no liability for the use
of this information. Use shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this datasheet are implied or granted to any third party.
Peregrine’s products are not designed or intended for use in devices or systems intended for surgical implant,
or in other applications intended to support or sustain life, or in any application in which the failure of the
Peregrine product could create a situation in which personal injury or death might occur. Peregrine assumes no
liability for damages, including consequential or incidental damages, arising out of the use of its products in
such applications.
The Peregrine name, logo, UltraCMOS and UTSi are registered trademarks and HaRP, MultiSwitch and DuNE
are trademarks of Peregrine Semiconductor Corp. Peregrine products are protected under one or more of the
following U.S. Patents: http://patents.psemi.com.
Sales Contact and Information
For sales and contact information please visit www.psemi.com.
Table 6. Ordering Information
PE43205MLAA-Z
PE43205 Digital step attenuator
Green 12-lead 3x3 mm QFN
3000 units/T&R
EK43205-01
PE43205 Evaluation kit
Evaluation kit
1/Box
Ordering Code
Description
Package
Shipping Method


Similar Part No. - PE43205

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43205MLAA-Z PSEMI-PE43205MLAA-Z Datasheet
423Kb / 11P
   UltraCMOS짰 RF Digital Attenuator 2-bit, 18 dB, 35??000 MHz
More results

Similar Description - PE43205

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704_14 Datasheet
1Mb / 20P
   UltraCMOS짰 RF Digital Step Attenuator
PE43705 PSEMI-PE43705_14 Datasheet
790Kb / 18P
   UltraCMOS짰 RF Digital Step Attenuator
PE4314 PSEMI-PE4314_V01 Datasheet
727Kb / 27P
   UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
PE43205MLAA-Z PSEMI-PE43205MLAA-Z Datasheet
423Kb / 11P
   UltraCMOS짰 RF Digital Attenuator 2-bit, 18 dB, 35??000 MHz
PE4312MLBA-Z PSEMI-PE4312MLBA-Z Datasheet
730Kb / 13P
   UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306_15 Datasheet
457Kb / 10P
   RF Digital Attenuator
PE4307 PEREGRINE-PE4307_15 Datasheet
441Kb / 11P
   RF Digital Attenuator
PE4302 PEREGRINE-PE4302_15 Datasheet
472Kb / 10P
   RF Digital Attenuator
PE4308 PEREGRINE-PE4308_15 Datasheet
504Kb / 10P
   RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502 Datasheet
443Kb / 11P
   RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com