Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE43204 Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE43204
Description  50 廓 RF Digital Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43204 Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE43204_14 Datasheet HTML 1Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 2Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 3Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 4Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 5Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 6Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 7Page - Peregrine Semiconductor PE43204_14 Datasheet HTML 8Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Product Specification
PE43204
Page 3 of 8
Document No. 70-0257-03
│ www.psemi.com
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
0dB
6dB
12dB
18dB
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz.)
-40C
+25C
+85C
-45.00
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz.)
-40C
+25C
+85C
0
10
20
30
40
50
60
70
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Frequency (MHz.)
0dB
6dB
12dB
18dB
Figure 7. Output Return Loss vs Attenuation
@ T = +25C
Figure 8. Input Return Loss vs Temperature
@ 12dB State
Figure 10. Relative Phase* vs Frequency
@ T = +25C
Figure 11. Input IP3 vs Attenuation Setting
@ T = +25C
-40.00
-35.00
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz.)
0dB
6dB
12dB
18dB
Figure 12. Attenuation Error vs. Attenuation
Setting @ 3000 MHz
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
06
12
18
Attenuation Setting(dB.)
-40C
+25C
+85C
*Relative Phase = Phase (attenuation state) – Phase (Insertion Loss state)
Figure 9. Output Return Loss vs Temperature
@ 12dB State
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE43204_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43204 PEREGRINE-PE43204_15 Datasheet
334Kb / 8P
   RF Digital Attenuator
More results

Similar Description - PE43204_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
   50 廓 RF Digital Attenuator
PE43701 PSEMI-PE43701_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
PE43703 PSEMI-PE43703_14 Datasheet
1,022Kb / 15P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43503 PEREGRINE-PE43503 Datasheet
437Kb / 11P
   50 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4302 PSEMI-PE4302_14 Datasheet
1Mb / 10P
   50 廓 RF Digital Attenuator
PE43601 PSEMI-PE43601_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
   50 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com