Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK26C0G2A392J Datasheet(PDF) 7 Page - TDK Electronics

Part # FK26C0G2A392J
Description  MLCC with Dipped Radial Lead Commercial Grade
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FK26C0G2A392J Datasheet(HTML) 7 Page - TDK Electronics

Back Button FK26C0G2A392J Datasheet HTML 3Page - TDK Electronics FK26C0G2A392J Datasheet HTML 4Page - TDK Electronics FK26C0G2A392J Datasheet HTML 5Page - TDK Electronics FK26C0G2A392J Datasheet HTML 6Page - TDK Electronics FK26C0G2A392J Datasheet HTML 7Page - TDK Electronics FK26C0G2A392J Datasheet HTML 8Page - TDK Electronics FK26C0G2A392J Datasheet HTML 9Page - TDK Electronics FK26C0G2A392J Datasheet HTML 10Page - TDK Electronics FK26C0G2A392J Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
(6/10)
003-01 / 20130312 / leadmlcc_commercial_midvoltage_en.fm
• All specifications are subject to change without notice.
CAPACITANCE RANGES: CLASS 2 (TEMPERATURE STABLE)
FK28 AND FK18 TYPES
SHAPES AND DIMENSIONS
RATED VOLTAGE Edc: 100 to 250V
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc(V)
Part No.
FK28 type
FK18 type
X7R
1000pF
±10%
100
FK28X7R2A102K
FK18X7R2A102K
X7R
1500pF
±10%
100
FK28X7R2A152K
FK18X7R2A152K
X7R
2200pF
±10%
100
FK28X7R2A222K
FK18X7R2A222K
X7R
3300pF
±10%
100
FK28X7R2A332K
FK18X7R2A332K
X7R
4700pF
±10%
100
FK28X7R2A472K
FK18X7R2A472K
X7R
6800pF
±10%
100
FK28X7R2A682K
FK18X7R2A682K
X7R
10000pF
±10%
100
FK28X7R2A103K
FK18X7R2A103K
X7R
15000pF
±10%
100
FK28X7R2A153K
FK18X7R2A153K
X7R
22000pF
±10%
100
FK28X7R2A223K
FK18X7R2A223K
X7S
33000pF
±10%
100
FK28X7S2A333K
FK18X7S2A333K
X7S
47000pF
±10%
100
FK28X7S2A473K
FK18X7S2A473K
X7S
68000pF
±10%
100
FK28X7S2A683K
FK18X7S2A683K
X7S
0.1µF
±10%
100
FK28X7S2A104K
FK18X7S2A104K
4.0max.
5.0
±1.0
2.5max.
Dimensions in mm
FK28
FK18
2.5
±0.8
4.0max.
2.5max.
2.5max.
2.5max.
ø0.5
+0.1
–0.03
ø0.5
+0.1
–0.03


Similar Part No. - FK26C0G2A392J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK26C0G2A392J TDK-FK26C0G2A392J Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead
FK26C0G2A392J TDK-FK26C0G2A392J Datasheet
206Kb / 22P
   Capacitor with Multi-layer Lead
More results

Similar Description - FK26C0G2A392J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK26X7R2J222K TDK-FK26X7R2J222K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FG11X7R1E475KNT00 TDK-FG11X7R1E475KNT00 Datasheet
267Kb / 31P
   MLCC with Dipped Radial Lead (Halogen-free, Commercial Grade)
FA14C0G1H223JNU00 TDK-FA14C0G1H223JNU00 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
FA14C0G2A153JRU00 TDK-FA14C0G2A153JRU00 Datasheet
134Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H225KRU00 TDK-FA14X7R1H225KRU00 Datasheet
142Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H334KNU06 TDK-FA14X7R1H334KNU06 Datasheet
146Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7S2A154KRU00 TDK-FA14X7S2A154KRU00 Datasheet
145Kb / 2P
   MLCC with Dipped Radial Lead
FA16C0G1H683JNU06 TDK-FA16C0G1H683JNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A1R5CNU06 TDK-FA18C0G2A1R5CNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
FA18C0G2A6R8DNU06 TDK-FA18C0G2A6R8DNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com