Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD6P25TM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQD6P25TM
Description  250V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD6P25TM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQD6P25TM Datasheet HTML 1Page - Fairchild Semiconductor FQD6P25TM Datasheet HTML 2Page - Fairchild Semiconductor FQD6P25TM Datasheet HTML 3Page - Fairchild Semiconductor FQD6P25TM Datasheet HTML 4Page - Fairchild Semiconductor FQD6P25TM Datasheet HTML 5Page - Fairchild Semiconductor FQD6P25TM Datasheet HTML 6Page - Fairchild Semiconductor FQD6P25TM Datasheet HTML 7Page - Fairchild Semiconductor FQD6P25TM Datasheet HTML 8Page - Fairchild Semiconductor FQD6P25TM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2008 Fairchild Semiconductor International
Rev. A1, October 2008
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
-1
10
0
10
1
25
150
Notes:
1. V
GS = 0V
2. 250sPulseTest
-V
SD , Source-Drain Voltage [V]
24
68
10
10
-1
10
0
10
1
 Notes:
1. V
DS = -40V
2. 250s Pulse Test
-55
150
25
-V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
-15V
-10V
-8.0V
-7.0V
-6.5V
-6.0V
Bottom : -5.5V
Notes :
1. 250s PulseTest
2. T
C = 25
-V
DS , Drain-Source Voltage [V]
048
12
16
20
24
0
2
4
6
8
10
12
V
DS = -125V
V
DS = -50V
V
DS = -200V
Note : I
D = -6.0 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
200
400
600
800
1000
1200
1400
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f =1MHz
C
rss
C
oss
C
iss
-V
DS, Drain-Source Voltage [V]
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
 Note : T
J = 25
V
GS = - 20V
V
GS = - 10V
-I
D , Drain Current [A]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


Similar Part No. - FQD6P25TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
More results

Similar Description - FQD6P25TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF6P25 FAIRCHILD-FQPF6P25 Datasheet
534Kb / 8P
   250V P-Channel MOSFET
FQP2P25 FAIRCHILD-FQP2P25 Datasheet
549Kb / 8P
   250V P-Channel MOSFET
FQP4P25 FAIRCHILD-FQP4P25 Datasheet
568Kb / 8P
   250V P-Channel MOSFET
FQD2P25 FAIRCHILD-FQD2P25 Datasheet
535Kb / 9P
   250V P-Channel MOSFET
FQP6P25 FAIRCHILD-FQP6P25 Datasheet
508Kb / 8P
   250V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2P25 KERSEMI-KSMD2P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
KSMD4P25 KERSEMI-KSMD4P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
FQPF4P25 FAIRCHILD-FQPF4P25 Datasheet
573Kb / 8P
   250V P-Channel MOSFET
FQB9P25 FAIRCHILD-FQB9P25 Datasheet
573Kb / 9P
   250V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com