Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQB9N50CTM Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FQB9N50CTM
Description  N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB9N50CTM Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FQB9N50CTM Datasheet HTML 1Page - Fairchild Semiconductor FQB9N50CTM Datasheet HTML 2Page - Fairchild Semiconductor FQB9N50CTM Datasheet HTML 3Page - Fairchild Semiconductor FQB9N50CTM Datasheet HTML 4Page - Fairchild Semiconductor FQB9N50CTM Datasheet HTML 5Page - Fairchild Semiconductor FQB9N50CTM Datasheet HTML 6Page - Fairchild Semiconductor FQB9N50CTM Datasheet HTML 7Page - Fairchild Semiconductor FQB9N50CTM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2003 Fairchild Semiconductor Corporation
FQB9N50C Rev. C1
www.fairchildsemi.com
6
Figure 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
VDS
+
_
Driver
RG
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
VDS
+
_
Driver
RG
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
LL
I SD
10V
VGS
( Driver )
I SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


Similar Part No. - FQB9N50CTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB9N50C FAIRCHILD-FQB9N50C Datasheet
609Kb / 9P
   500V N-Channel MOSFET
FQB9N50C FAIRCHILD-FQB9N50C Datasheet
802Kb / 9P
   500V N-Channel MOSFET
FQB9N50CF FAIRCHILD-FQB9N50CF Datasheet
747Kb / 8P
   500V N-Channel MOSFET
FQB9N50CFTM FAIRCHILD-FQB9N50CFTM Datasheet
747Kb / 8P
   500V N-Channel MOSFET
FQB9N50CFTM_WS FAIRCHILD-FQB9N50CFTM_WS Datasheet
747Kb / 8P
   500V N-Channel MOSFET
More results

Similar Description - FQB9N50CTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD5N15TM FAIRCHILD-FQD5N15TM Datasheet
846Kb / 8P
   N-Channel QFET짰 MOSFET 150 V, 4.3 A, 800 m廓
FQI13N50CTU FAIRCHILD-FQI13N50CTU Datasheet
481Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 13 A, 480 m廓
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQU12N20TU FAIRCHILD-FQU12N20TU Datasheet
862Kb / 9P
   N-Channel QFET짰 MOSFET 200 V, 9 A, 280 m廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQPF6N80CT FAIRCHILD-FQPF6N80CT Datasheet
1,018Kb / 10P
   N-Channel QFET짰 MOSFET 800 V, 5.5 A, 2.5 廓
FQA10N80C-F109 FAIRCHILD-FQA10N80C-F109 Datasheet
435Kb / 8P
   FQA10N80C_F109 N-Channel QFET짰 MOSFET 800 V, 10 A, 1.1 廓
FQB11N40CTM FAIRCHILD-FQB11N40CTM Datasheet
977Kb / 8P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com