Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN5040-180-99 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FN5040-180-99
Description  LC Sine Wave Filter for Motor Drives
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN5040-180-99 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  FN5040-180-99 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN5040-180-99 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN5040-180-99 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN5040-180-99 Datasheet HTML 4Page - List of Unclassifed Manufacturers FN5040-180-99 Datasheet HTML 5Page - List of Unclassifed Manufacturers FN5040-180-99 Datasheet HTML 6Page - List of Unclassifed Manufacturers FN5040-180-99 Datasheet HTML 7Page - List of Unclassifed Manufacturers FN5040-180-99 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Load Reactors
SchaffnerGroup Datasheets 2014
Dimensions FN5045
4.5 A 8 A 10 A 17 A 24 A 38 A 48 A 62 A 75 A 115 A 180 A 260 A 410 A 480 A 660 A 750 A 880 A 1200 A
A
330 330
330
440
440
440
515
515
615
615
650
650
780
780
1280
1280
1280
1280
B
100 100
100
160
160
160
320
320
370
370
508
508
538
538
794
794
794
794
C
165 165
165
245
245
245
153
153
203
203
400
400
494
494
498
498
550
550
D
310 310
310
412
412
412
488
488
590
590
336
336
336
336
622
622
622
622
E
60 60
60
110
110
110
280
280
330
330
243
243
312
312
315
315
315
315
F
7
7
7
9
9
9
9
9
11
11 14x30 14x30 14x30 14x30 14x30 14x30 14x30
14x30
J
M5 M5
M5
M5
M5
M5
M5
M5
M8
M8
M10
M10
M10
M10
M10
M10
M10
M10
W
20
20
25
40
40
40
40
60
X
15
15
15
15
20
20
20
20
Y
40
40
40
30/40
Z
9
9
10.2
10.2
14
14
14
14
All dimensions in mm; 1 inch = 25.4 mm
Tolerances according: ISO 2768-m / EN 22768-m
Filter outputconnector cross sections
-33
-34
-35
-44
-82
Solidwire
16 mm2
35 mm2
50 mm2
10 mm2
0.75 - 2.5 mm2
Flexwire
10 mm2
25 mm2
50 mm2
6 mm2
1.0 - 2.5 mm2
AWGtypewire
AWG 6
AWG 2
AWG 1/0
AWG 8
AWG 18 - 12
Recommendedtorque
1.5-1.8 Nm
4.0-4.5 Nm
7-8 Nm
1.5-1.8 Nm
1.0-1.2 Nm
-83
-84
-85
-86
-87
Solidwire
0.75-4.0 mm2
2.5-10.0 mm2
2.5-25.0 mm2
0.75-50 mm2
16.0-50.0 mm2
Flexwire
1.0-4.0 mm2
4.0-10.0 mm2
4.0-16.0 mm2
0.75-35 mm2
25.0-50.0 mm2
AWGtypewire
AWG 18-10
AWG 18-6
AWG 22-4
AWG 18-0/1
AWG 6-0
Recommendedtorque
1.5-1.8 Nm
4.0-4.5 Nm
1.5-1.8 Nm
3.2-3.7 Nm
6.0-8.0 Nm
Please visit www.schaffner.com to find more details on filter connectors.
7


Similar Part No. - FN5040-180-99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN5045-17-33 ETC2-FN5045-17-33 Datasheet
886Kb / 8P
   LC Sine Wave Filter for Motor Drive Output Filters FN 5040 / FN 5045
More results

Similar Description - FN5040-180-99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN5045-17-33 ETC2-FN5045-17-33 Datasheet
886Kb / 8P
   LC Sine Wave Filter for Motor Drive Output Filters FN 5040 / FN 5045
logo
Schurter Inc.
FMAC SCHURTER-FMAC Datasheet
623Kb / 4P
   Sine wave output filter
logo
Schaffner International...
FN-350 SCHAFFNER-FN-350 Datasheet
557Kb / 4P
   Compact EMC/RFI Filter for Motor Drives
FN-3100 SCHAFFNER-FN-3100 Datasheet
310Kb / 4P
   Bookstyle EMC/EMI Filter for Motor Drives
logo
Anpec Electronics Corop...
APX9322A ANPEC-APX9322A Datasheet
320Kb / 24P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
logo
List of Unclassifed Man...
FN350-8-29 ETC2-FN350-8-29 Datasheet
551Kb / 4P
   Single-phase EMC/RFI Filter for Motor Drives
logo
Anpec Electronics Corop...
APX9322 ANPEC-APX9322 Datasheet
258Kb / 20P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX7320 ANPEC-APX7320 Datasheet
347Kb / 22P
   Three-Phase Full-wave Sine-wave Brushless Motor Driver
APX9322 ANPEC-APX9322_18 Datasheet
324Kb / 25P
   Three-Phase Full-wave Sine-wave Brushless Motor Driv
logo
Toshiba Semiconductor
TB6631FNG TOSHIBA-TB6631FNG Datasheet
784Kb / 28P
   3-Phase Full-Wave Sine-Wave PWM Brushless Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com