Electronic Components Datasheet Search |
|
OPA2354 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
OPA2354 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 33 page OPA354 OPA2354 OPA4354 SBOS233E − MARCH 2002− REVISED MAY 2009 www.ti.com 2 ABSOLUTE MAXIMUM RATINGS(1) Supply Voltage, V+ to V− 7.5V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Signal Input Terminals Voltage(2) (V−) − (0.5V) to (V+) + (0.5V) . . . . Current(2) 10mA . . . . . . . . . . . . . . . . . . . . . . Output Short-Circuit(3) Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . Operating Temperature −55 °C to +150°C . . . . . . . . . . . . . . . . . . . . . . Storage Temperature −65 °C to +150°C . . . . . . . . . . . . . . . . . . . . . . . . Junction Temperature +150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not supported. (2) Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should be current limited to 10mA or less. (3) Short-circuit to ground, one amplifier per package. ELECTROSTATIC DISCHARGE SENSITIVITY This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. PACKAGE/ORDERING INFORMATION(1) PRODUCT PACKAGE-LEAD PACKAGE DESIGNATOR SPECIFIED TEMPERATURE RANGE PACKAGE MARKING ORDERING NUMBER TRANSPORT MEDIA, QUANTITY OPA354 SO-8 PowerPAD DDA −40 °C to +125°C OPA354A OPA354AIDDA Rails, 97 ″ ″ ″ ″ ″ OPA354AIDDAR Tape and Reel, 2500 OPA354 SOT23-5 DBV −40 °C to +125°C OABI OPA354AIDBVT Tape and Reel, 250 ″ ″ ″ ″ ″ OPA354AIDBVR Tape and Reel, 3000 OPA2354 SO-8 PowerPAD DDA −40 °C to +125°C OPA2354A OPA2354AIDDA Rails, 97 ″ ″ ″ ″ ″ OPA2354AIDDAR Tape and Reel, 2500 OPA2354 MSOP-8 DGK −40 °C to +125°C OACI OPA2354AIDGKT Tape and Reel, 250 ″ ″ ″ ″ ″ OPA2354AIDGKR Tape and Reel, 2500 OPA4354 SO-14 D −40 °C to +125°C OPA4354A OPA4354AID Rails, 58 ″ ″ ″ ″ ″ OPA4354AIDR Tape and Reel, 2500 OPA4354 TSSOP-14 PW −40 °C to +125°C OPA4354A OPA4354AIPWT Tape and Reel, 250 ″ ″ ″ ″ ″ OPA4354AIPWR Tape and Reel, 2500 (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. |
Similar Part No. - OPA2354 |
|
Similar Description - OPA2354 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |