Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD8321 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FOD8321
Description  2.5A Output Current, Gate Drive Optocoupler in Optoplanar Wide Body SOP 5-Pin
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8321 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FOD8321 Datasheet HTML 2Page - Fairchild Semiconductor FOD8321 Datasheet HTML 3Page - Fairchild Semiconductor FOD8321 Datasheet HTML 4Page - Fairchild Semiconductor FOD8321 Datasheet HTML 5Page - Fairchild Semiconductor FOD8321 Datasheet HTML 6Page - Fairchild Semiconductor FOD8321 Datasheet HTML 7Page - Fairchild Semiconductor FOD8321 Datasheet HTML 8Page - Fairchild Semiconductor FOD8321 Datasheet HTML 9Page - Fairchild Semiconductor FOD8321 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8321 Rev. 1.0.4
6
Switching Characteristics
Apply over all recommended conditions, typical value is measured at VDD = 30V, VSS = Ground, TA = 25°C unless
otherwise specified.
Notes:
9. tPHL propagation delay is measured from the 50% level on the falling edge of the input pulse to the 50% level of the
falling edge of the VO signal.
10. tPLH propagation delay is measured from the 50% level on the rising edge of the input pulse to the 50% level of the
rising edge of the VO signal.
11. PWD is defined as | tPHL – tPLH | for any given device.
12. The difference between tPHL and tPLH between any two FOD8321 parts under same operating conditions, with equal
loads.
13. Common mode transient immunity at output high is the maximum tolerable negative dVcm/dt on the trailing edge of
the common mode impulse signal, Vcm, to assure that the output will remain high (i.e. VO > 15.0V).
14. Common mode transient immunity at output low is the maximum tolerable positive dVcm/dt on the leading edge of
the common pulse signal, Vcm, to assure that the output will remain low (i.e. VO < 1.0V).
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Figure
tPHL
Propagation Delay Time to
Logic Low Output(9)
IF = 10mA to 16mA, Rg = 10Ω,
Cg =10nF, f = 10kHz,
Duty Cycle = 50%
100
285
500
ns
10, 11,
12, 13,
14, 27
tPLH
Propagation Delay Time to
Logic High Output(10)
100
260
500
ns
10, 11,
12, 13,
14, 27
PWD
Pulse Width Distortion(11)
|tPHL – tPLH|
25
300
ns
PDD
(Skew)
Propagation Delay Difference
Between Any Two Parts(12)
-350
350
tR
Output Rise Time
(10% to 90%)
60
ns
27
tF
Output Fall Time
(90% to 10%)
60
ns
27
tULVO ON
ULVO Turn On Delay
IF = 10mA, VO > 5V
0.8
µs
tULVO OFF
ULVO Turn Off Delay
IF = 10mA, VO < 5V
0.4
µs
|CMH|
Common Mode Transient
Immunity at Output High
TA = 25°C, VDD = 30V,
IF = 10 to 16mA, VCM = 2000V
(13)
20
50
kV/µs
28
|CML|
Common Mode Transient
Immunity at Output Low
TA = 25°C, VDD = 30V, VF = 0V,
VCM = 2000V
(14)
20
50
kV/µs
28


Similar Part No. - FOD8321

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8321 FAIRCHILD-FOD8321 Datasheet
3Mb / 12P
   New Products, Tips and Tools for Power and Mobile Applications
FOD8321 FAIRCHILD-FOD8321 Datasheet
2Mb / 19P
   2.5A Output Current, Gate Drive Optocoupler in Optoplanar 짰 Wide Body SOP 5-Pin
More results

Similar Description - FOD8321

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8321 FAIRCHILD-FOD8321 Datasheet
2Mb / 19P
   2.5A Output Current, Gate Drive Optocoupler in Optoplanar 짰 Wide Body SOP 5-Pin
logo
ON Semiconductor
FOD8384 ONSEMI-FOD8384 Datasheet
219Kb / 16P
   2.5 A Output Current, High-Speed, MOSFET/IGBT Gate Drive Optocoupler in OPTOPLANAR Wide-Body SOP 5-Pin
July, 2023 - Rev. 2
FOD8342 ONSEMI-FOD8342_V01 Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
FOD8343 ONSEMI-FOD8343_V01 Datasheet
348Kb / 17P
   4.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 2
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3120 FAIRCHILD-FOD3120 Datasheet
403Kb / 22P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Fairchild Semiconductor
FOD8160 FAIRCHILD-FOD8160 Datasheet
3Mb / 15P
   High Noise Immunity, 3.3 V / 5 V, 10 Mbit/sec, Logic Gate Optocoupler in Wide-Body SOP 5-Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com