Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3498 Datasheet(PDF) 4 Page - Continental Device India Limited

Part # 2N3498
Description  NPN SILICON PLANAR RF TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3498 Datasheet(HTML) 4 Page - Continental Device India Limited

  2N3498 Datasheet HTML 1Page - Continental Device India Limited 2N3498 Datasheet HTML 2Page - Continental Device India Limited 2N3498 Datasheet HTML 3Page - Continental Device India Limited 2N3498 Datasheet HTML 4Page - Continental Device India Limited 2N3498 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2N3498, 2N3499,
2N3500, 2N3501
TO-39
Metal Can Package
TO-39 Metal Can Package
2 1
3
PIN CONFIGURATION
1. EMITTER
2. BASE
3. COLLECTOR
DIM
MIN
MAX
A
8.50
9.39
B
7.74
8.50
C
6.09
6.60
D
0.40
0.53
E—
0.88
F
2.41
2.66
G
4.82
5.33
H
0.71
0.86
J
0.73
1.02
K12.70
L
42 DEG 48 DEG
A
B
D
G
L
H
J
1
2
3
TO-39
500 pcs/polybag 540 gm/500 pcs
3" x 7.5" x 7.5"
20K
17" x 15" x 13.5"
32K
40 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Continental Device India Limited
Data Sheet
Page 4 of 5


Similar Part No. - 2N3498

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3498 SEMICOA-2N3498 Datasheet
32Kb / 1P
   Chip Type 2C3501 Geometry 5620 Polarity NPN
2N3498 SEMICOA-2N3498 Datasheet
47Kb / 2P
   Type 2N3498 Geometry 5620 Polarity NPN
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498 Datasheet
69Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3498 CENTRAL-2N3498 Datasheet
22Kb / 1P
   Small Signal Transistors
logo
Semicoa Semiconductor
2N3498 SEMICOA-2N3498 Datasheet
110Kb / 2P
   Silicon NPN Transistor
More results

Similar Description - 2N3498

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BFS17L ZETEX-BFS17L Datasheet
44Kb / 2P
   NPN SILICON PLANAR RF TRANSISTORS
ZUMTS17 ZETEX-ZUMTS17 Datasheet
24Kb / 2P
   NPN SILICON PLANAR RF TRANSISTORS
BFS17HTA ZETEX-BFS17HTA Datasheet
57Kb / 2P
   SOT23 NPN SILICON PLANAR RF TRANSISTORS
logo
Continental Device Indi...
BF494 CDIL-BF494 Datasheet
68Kb / 4P
   NPN SILICON PLANAR EPITAXIAL RF TRANSISTORS
BF240 CDIL-BF240 Datasheet
269Kb / 3P
   NPN SILICON PLANAR EPITAXIAL RF TRANSISTORS
logo
Diodes Incorporated
BFS17L DIODES-BFS17L Datasheet
50Kb / 2P
   SOT23 NPN SILICON PLANAR RF TRANSISTORS
ZUMTS17 DIODES-ZUMTS17 Datasheet
74Kb / 2P
   SOT323 NPN SILICON PLANAR RF TRANSISTORS
logo
Rohm
2SC2063 ROHM-2SC2063 Datasheet
309Kb / 4P
   RF Amplifier Epitaxial Planar NPN Silicon Transistors
logo
Comset Semiconductor
2N3636 COMSET-2N3636 Datasheet
77Kb / 3P
   SILICON PLANAR RF TRANSISTORS
logo
Siemens Semiconductor G...
2N2218 SIEMENS-2N2218 Datasheet
155Kb / 6P
   NPN Silicon Planar Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com