Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFB0424MN Datasheet(PDF) 1 Page - AEL Crystals Ltd

Part # FFB0424MN
Description  Material Impeller & Pillow : Plastic(UL 94V-0)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

FFB0424MN Datasheet(HTML) 1 Page - AEL Crystals Ltd

  FFB0424MN Datasheet HTML 1Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
42
http://www.deltaww.com
FFB
DIMENSIONS DRAWING
P & Q CURVE (AT RATED VOLTAGE)
40 x 40 x 28 MM SERIES
* Bearing Type
Ball Bearings
* Material
Impeller & Pillow : Plastic(UL 94V-0)
* Lead Wires :
UL 1007 AWG #24 OR Equivalent
Red Wire Positive(+)
Black Wire Negative(-)
* Weight : 32g (1.13 oz)
MODEL
Rated
Voltage
Operating
Voltage
Range
Input
Current
Input
Power
Speed
Maximum
Air Flow
Maximum
Air Pressure
Noise
PART NO.
FUNCTION
VDC
VDC
Amp
Watt
R.P.M.
m3 /min
CFM
mmH2O
IN H2O
dB-A
FFB0412MN
-R00/-F00
12
4.5 to 13.8
0.05
0.60
5000
0.228
8.05
3.77
0.148
30.0
FFB0424MN
-R00/-F00
24
14.0 to 27.6
0.04
0.96
FFB0412HN
-R00/-F00
12
4.5 to 13.8
0.07
0.84
6500
0.300
10.59
6.30
0.248
36.0
FFB0424HN
-R00/-F00
24
14.0 to 27.6
0.06
1.44
FFB0412HHN
-R00/-F00
12
4.5 to 13.8
0.11
1.32
8000
0.375
13.24
9.39
0.370
41.0
FFB0424HHN
-R00/-F00
24
14.0 to 27.6
0.08
1.92
FFB0412VHN
-R00/-F00
12
4.5 to 13.8
0.16
1.92
9500
0.447
15.79
12.94
0.509
45.0
FFB0424VHN
-R00/-F00
24
14.0 to 26.4
0.10
2.40
FFB0412SHN
-R00/-F00
12
4.5 to 13.8
0.50
6.00
13000
0.680
24.00
27.30
1.075
54.5
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.
MOUNTING PANEL CUTOUT
(INCH)
UNIT:
mm
(M3/MIN)
INLET SIDE
OUTLET SIDE
mm
(INCH)
UNIT:
Air Flow
(CFM)
0
6
12
18
24
0
0.2
0.4
0.6
0.8
1.0
1.2
15
0
5
10
20
25
30
0.75
0.45 0.6
0.3
0.15
0
FFB0412/24XN
8-ø3.5±0.2
(8-ø0.138±0.008)
330.0±10.0
(12.992±0.394)
10.0
(0.394)
40.0±0.5
(1.575±0.020)
4.0±0.4
(0.157±0.016)
28.0±0.5
(1.102±0.020)
4.0±0.4
(0.157±0.016)
32.0±0.3
(1.260±0.012)
38.0
(1.496)
32.0
(1.260)
4-ø3.5
(4-ø0.138)
ø41.0
(ø1.614
)
38.0
(1.496)
32.0
(1.260)
4-ø3.5
(4-ø0.138)
ø41.0
(ø1.614
)


Similar Part No. - FFB0424MN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FFB0424MN ETC2-FFB0424MN Datasheet
249Kb / 1P
   DIMENSIONS DRAWING
More results

Similar Description - FFB0424MN

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
FFB0812EHE-F00 AEL-FFB0812EHE-F00 Datasheet
110Kb / 1P
   Material Impeller & Frame : Plastic (UL 94V-0)
logo
List of Unclassifed Man...
FFB0612EHE ETC2-FFB0612EHE Datasheet
233Kb / 1P
   Material Impeller & Frame : Plastic (UL 94V-0)
3230-06-0101-00 ETC2-3230-06-0101-00 Datasheet
52Kb / 1P
   INSULATOR MATERIAL: PBT, UL 94V-0
logo
Diodes Incorporated
ZMM5234B-7 DIODES-ZMM5234B-7 Datasheet
82Kb / 5P
   Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
logo
Kersemi Electronic Co.,...
MBR1680FCT KERSEMI-MBR1680FCT Datasheet
1Mb / 2P
   Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
MBR1650FCT KERSEMI-MBR1650FCT Datasheet
1Mb / 2P
   Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
logo
Sangdest Microelectroni...
R1A SMC-R1A Datasheet
145Kb / 4P
   Plastic Case Material has UL Flammability Classication Rating 94V-0
logo
List of Unclassifed Man...
3220-10-0100-00 ETC2-3220-10-0100-00 Datasheet
47Kb / 1P
   INSULAATOR MATERIAL: NYLON-6T, UL 94V- 0
logo
FERYSTER Inductive Comp...
PQ32X30-K-12P-P-3206 FERYSTER-PQ32X30-K-12P-P-3206 Datasheet
503Kb / 1P
   Bobbin material PHENOLIC PM9820 UL 94V-0
logo
List of Unclassifed Man...
3220-10-0300-00 ETC2-3220-10-0300-00 Datasheet
39Kb / 1P
   INSULATOR MATERIAL: NYLIN-6T, UL 94V-0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com