Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE5L60U Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # DE5L60U
Description  Fast Recovery Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

DE5L60U Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  DE5L60U Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd DE5L60U Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd DE5L60U Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd DE5L60U Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
J532-P2010.
06〉)
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
■特性図 CHARACTERI
STI
C DI
AGRAMS
順方向特性
Forward Voltage
50
10
20
0.
0.
0.
01
45
Tc=150℃(MAX)
Tc=150℃(TYP)
Tc= 25℃(MAX)
Tc= 25℃(TYP)
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
順電力損失曲線
Forward Power Dissipation
80
10
20
30
40
50
60
70
01
100
10
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=25℃
DC
D=0.
0.
0.
0.
0.
0.
05
SIN
DC
D=0.
0.
0.
0.
0.
0.
05
SIN
接合容量
Junction Capacitance
10
f=1MHz
Tc=25℃
TYP
Tj=150℃
D=tp/T
T
tp
IO
Pulse measurement
ディレーティングカーブ Tc-Io
Derating Curve Tc-Io
20
40
60
80 100
160
140
120
DC
D=0.
0.
SIN
0.
0.
0.
0.
05
DC
D=0.
0.
SIN
0.
0.
0.
0.
05
D=tp/T
VR=VRM
T
tp
IO
VR
01
45
500
100
10
50
20
200
600
100
10
200
20
50
20
15
10
Forward Voltage VF〔V〕
Average Rectified Forward Current IO〔A〕
Number of Cycles 〔cycle〕
Reverse Voltage VR〔V〕
Case Temperature Tc 〔℃〕
DE5L60U
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.


Similar Part No. - DE5L60U

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DE5L60 SHINDENGEN-DE5L60 Datasheet
702Kb / 6P
   Super Fast Recovery Rectifiers
DE5L60A SHINDENGEN-DE5L60A Datasheet
146Kb / 4P
   FastRecoveryDiode
More results

Similar Description - DE5L60U

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com