Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F0402E1R00FSTR Datasheet(PDF) 1 Page - AVX Corporation

Part # F0402E1R00FSTR
Description  Accu-Guard짰 II SMD Thin-Film Fuse
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F0402E1R00FSTR Datasheet(HTML) 1 Page - AVX Corporation

  F0402E1R00FSTR Datasheet HTML 1Page - AVX Corporation F0402E1R00FSTR Datasheet HTML 2Page - AVX Corporation F0402E1R00FSTR Datasheet HTML 3Page - AVX Corporation F0402E1R00FSTR Datasheet HTML 4Page - AVX Corporation F0402E1R00FSTR Datasheet HTML 5Page - AVX Corporation F0402E1R00FSTR Datasheet HTML 6Page - AVX Corporation F0402E1R00FSTR Datasheet HTML 7Page - AVX Corporation F0402E1R00FSTR Datasheet HTML 8Page - AVX Corporation F0402E1R00FSTR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Accu-Guard® II
SMD Thin-Film Fuse
Accu-Guard® II is a version of Accu-Guard® fuses for a
wider range of current and voltage ratings. Constructed on
alumina substrates, Accu-Guard® II fuses display superior
electrical, mechanical and environmental properties.
Accu-Guard® II dimensions are standard 0402, 0603,
0805, 1206 and 0612 chip sizes, see page 2.
ELECTRICAL SPECIFICATIONS
Operating temperature: -55°C to +125°C
Current carrying capacity:
For F0402E and F0603E at -55°C 107% of rating, at -25°C
100% of rating, at +125°C 80% of rating. For F0603C at
-55°C is 107% of rating, at +25°C 100% of rating, at +85°C
90% of rating, at +125°C 75% of rating.
Current
Resistance
Voltage Drop
Fusing Current
Pre-Arc
Rated
Type
Part Number
Rating
10% x I rated, 25°C
@1 x I rated, 25°C
(within 5 sec), 25°C
I
2t @ 50A
Voltage
A
Ω (max.)
mV (max.)
A
A
2-sec
V
F0402E0R25FSTR
0.25
0.650
220
0.625
0.00005*
32
F0402E0R50FSTR
0.50
0.250
180
1.25
0.0003
32
F0402E
F0402E0R75FSTR
0.75
0.200
180
1.875
0.003
32
F0402E1R00FSTR
1.00
0.130
160
2.50
0.008
32
F0402E1R50FSTR
1.50
0.060
140
3.75
0.03
32
F0402E2R00FSTR
2.00
0.040
120
5.00
0.06
32
F0603E0R25FSTR
0.25
0.650
220
0.625
0.00005*
32
F0603E0R37FSTR
0.375
0.450
220
0.940
0.0001
32
F0603E0R50FSTR
0.50
0.250
180
1.25
0.0003
32
F0603E0R75FSTR
0.75
0.200
180
1.875
0.003
32
F0603E1R00FSTR
1.00
0.130
160
2.50
0.008
32
F0603E
F0603E1R25FSTR
1.25
0.090
140
3.125
0.01
32
F0603E1R50FSTR
1.50
0.060
140
3.75
0.03
32
F0603E1R75FSTR
1.75
0.050
120
4.375
0.04
32
F0603E2R00FSTR
2.00
0.040
120
5.00
0.06
32
F0603E2R50FSTR
2.50
0.035
100
6.25
0.12
32
F0603E3R00FSTR
3.00
0.030
100
7.50
0.25
32
F0603C0R25FWTR
0.25
0.800
280
0.50
0.00003*
32
F0603C0R37FWTR
0.375
0.500
280
0.75
0.0001
32
F0603C0R50FWTR
0.50
0.320
280
1.00
0.0002
32
F0603C0R75FWTR
0.75
0.300
280
1.50
0.0015
32
F0603C1R00FWTR
1.00
0.200
240
2.00
0.004
32
F0603C
F0603C1R25FWTR
1.25
0.170
240
2.50
0.007
32
F0603C1R50FWTR
1.50
0.110
240
3.00
0.012
32
F0603C1R75FWTR
1.75
0.090
240
3.50
0.02
24
F0603C2R00FWTR
2.00
0.075
240
4.00
0.03
24
F0603C2R50FWTR
2.50
0.055
200
5.00
0.05
16
F0603C3R00FWTR
3.00
0.045
200
6.00
0.1
16
F0805B0R25FW/STR
0.25
0.750
280
0.50
0.00003*
63
F0805B0R50FW/STR
0.50
0.350
280
1.00
0.0002
63
F0805B0R75FW/STR
0.75
0.270
280
1.50
0.001
63
F0805B1R00FW/STR
1.00
0.220
280
2.00
0.003
63
F0805B
F0805B1R25FW/STR
1.25
0.170
280
2.50
0.007
63
F0805B1R50FW/STR
1.50
0.120
240
3.00
0.010
63
F0805B2R00FW/STR
2.00
0.080
220
4.00
0.030
63
F0805B2R50FW/STR
2.50
0.060
220
5.00
0.050
63
F0805B3R00FW/STR
3.00
0.050
220
6.00
0.10
63
F1206B0R25FW/STR
0.25
0.750
280
0.50
0.00003
63
F1206B0R50FW/STR
0.50
0.350
280
1.00
0.0002
63
F1206B
F1206B1R00FW/STR
1.00
0.180
240
2.00
0.003
63
F1206B1R50FW/STR
1.50
0.120
240
3.00
0.010
63
F1206B2R00FW/STR
2.00
0.080
220
4.00
0.030
63
F1206B3R00FW/STR
3.00
0.050
220
6.00
0.10
63
F0612D
F0612D4R00FWTR
4.00
0.040
260
10
0.10
32
F0612D5R00FWTR
5.00
0.025
200
12.5
0.25
32
For F1206B and F0805B at -55°C is 107% of rating, at
+25°C 100% of rating, at +85°C 93% of rating, at +125°C
90% of rating. For F0805B 2.50A and 3.00A at +85°C 90%
of rating, at +125°C 90% of rating.
Interrupting rating: 50A.
Insulation resistance: >20MΩ guaranteed (after fusing at
rated voltage).
For F0612D at -55°C 107% of rating, at +25°C 100% of
rating, at +85°C 80% of rating, at +125°C 75% of rating.
*Current is limited to less than 50A at 32V due to internal fuse resistance.


Similar Part No. - F0402E1R00FSTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F0402E1R00FSTR AVX-F0402E1R00FSTR Datasheet
285Kb / 18P
   Accu-Guard SMD Thin-Film Fuse
F0402E1R00FSTR AVX-F0402E1R00FSTR Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
More results

Similar Description - F0402E1R00FSTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR Datasheet
315Kb / 23P
   Accu-Guard, SMD Thin-Film Fuse
F0402E AVX-F0402E Datasheet
285Kb / 18P
   Accu-Guard SMD Thin-Film Fuse
F1206B3R00FSTR AVX-F1206B3R00FSTR Datasheet
195Kb / 12P
   Accu-Guard SMD Thin-Film Fuse
F0402G0R05FNTR AVX-F0402G0R05FNTR Datasheet
189Kb / 4P
   Accu-Guard짰 II Low Current Miniature 0402 Size Thin-Film Fuses
F0603G0R05FNTR AVX-F0603G0R05FNTR Datasheet
92Kb / 4P
   MINIATURE 0603 SIZE LOW CURRENT LGA ACCU-GUARD짰 THIN FILM FUSES
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
F1206A AVX-F1206A Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
06035J3R3BBTTR AVX-06035J3R3BBTTR Datasheet
458Kb / 20P
   Accu-F Accu-P Thin-Film RF/Microwave Capacitors
F0402G0R05FNTR AVX-F0402G0R05FNTR Datasheet
189Kb / 4P
   Accu-Guard II Low Current Miniature 0402 Size Thin-Film Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com