Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1FL40U Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # D1FL40U
Description  Fast Recovery Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D1FL40U Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  D1FL40U Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D1FL40U Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D1FL40U Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D1FL40U Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
J532-P2010.
06〉)
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
■特性図 CHARACTERI
STI
C DI
AGRAMS
順方向特性
Forward Voltage
0.
0.
0.
0.
0.
82
2.4
2.
1.
1.2
Tl=150℃(MAX)
Tl=150℃(TYP)
Tl= 25℃(MAX)
Tl= 25℃(TYP)
せん頭サージ順電流耐量
Peak Surge Forward Current Capability
順電力損失曲線
Forward Power Dissipation
40
20
10
25
30
35
15
01
100
10
1cycle
10ms10ms
Sine wave
Non-repetitive
Tj=25℃
DC
0.
0.
0.
0.
0.
D=0.
05
SIN
DC
0.
0.
0.
0.
0.
D=0.
05
SIN
接合容量
Junction Capacitance
0.5
1.5
0.4
0.2
0.6
0.8
1.2
f=1MHz
Tl=25℃
TYP
Tj=150℃
D=tp/T
T
tp
IO
Pulse measurement
ディレーティングカーブ Ta-Io
Derating Curve Ta-Io
20
40
60
80 100
160
140
120
DC
D=0.
0.
SIN
0.
0.
0.
0.
05
DC
D=0.
0.
SIN
0.
0.
0.
0.
05
D=tp/T
VR=VRM
T
tp
IO
VR
0.2 0.4
0.8
1.2
1.6
1.4
0.6
100
10
50
20
400
100
10
200
20
50
0.4
0.2
0.6
0.8
1.6
1.2
1.4
ディレーティングカーブ Ta-Io
Derating Curve Ta-Io
20
40
60
80 100
160
140
120
DC
D=0.
0.
SIN
0.
0.
0.
0.
05
DC
D=0.
0.
SIN
0.
0.
0.
0.
05
D=tp/T
VR=VRM
T
tp
IO
VR
Forward Voltage VF〔V〕
Average Rectified Forward Current IO〔A〕
Number of Cycles 〔cycle〕
Reverse Voltage VR〔V〕
Ambient Temperature Ta 〔℃〕
Ambient Temperature Ta 〔℃〕
On glass-epoxy substrate
Soldering land2mm
Conductor layer 35μm
On alumina substrate
Soldering land2mm
Conductor layer 20μm
Substrate thickness 0.64t
D1FL40U
*Si
newaveは50Hzで測定しています。
*50Hzsi
newavei
susedf
ormeasur
ement
s.


Similar Part No. - D1FL40U

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1FL40 SHINDENGEN-D1FL40 Datasheet
463Kb / 7P
   Super Fast Recovery Rectifiers(400V 0.8A)
D1FL40-5063 SHINDENGEN-D1FL40-5063 Datasheet
453Kb / 3P
   400V 0.8A
More results

Similar Description - D1FL40U

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com