Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP30-4812DFW Datasheet(PDF) 1 Page - Recom International Power

Part # RP30-4812DFW
Description  4 1 Wide Input Voltage Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP30-4812DFW Datasheet(HTML) 1 Page - Recom International Power

  RP30-4812DFW Datasheet HTML 1Page - Recom International Power RP30-4812DFW Datasheet HTML 2Page - Recom International Power RP30-4812DFW Datasheet HTML 3Page - Recom International Power RP30-4812DFW Datasheet HTML 4Page - Recom International Power RP30-4812DFW Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
30 Watt
2” x 1”
Single &
Dual Output
4:1 Wide Input Voltage Range
30 Watts Output Power
1.6kVDC Isolation
UL Certified
Fixed Operating Frequency
Six-Sided Continuous Shield
Standard 50.8 x25.4x10.2mm Package
Efficiency to 91%
Features
Selection Guide 24V and 48V Input Types
Part Number
Input
Output
Output
Input Current (4) Efficiency(5) Capacitive(6)
Range
Voltage
Current
No Load
Full Load
Load max.
VDC
VDC
mA
mA
%
RP30-243.3SFW
9-36
3.3
7500
70
1258
86
20000μF
RP30-2405SFW
9-36
5
6000
105
1488
88
14400μF
RP30-2412SFW
9-36
12
2500
20
1471
89
3000μF
RP30-2415SFW
9-36
15
2000
30
1471
89
2000μF
RP30-483.3SFW
18-75
3.3
7500
45
629
86
20000μF
RP30-4805SFW
18-75
5
6000
65
744
88
14400μF
RP30-4812SFW
18-75
12
2500
60
727
90
3000μF
RP30-4815SFW
18-75
15
2000
50
718
91
2000μF
RP30-2405DFW
9-36
±5
±3000
90
1488
88
±3000μF
RP30-2412DFW
9-36
±12
±1250
25
1506
87
±2000μF
RP30-2415DFW
9-36
±15
±1000
25
1506
87
±1300μF
RP30-4805DFW
18-75
±5
±3000
50
744
88
±3000μF
RP30-4812DFW
18-75
±12
±1250
15
744
88
±2000μF
RP30-4815DFW
18-75
±15
±1000
15
744
88
±1300μF
* no suffix for CTRL function with Positive Logic (1=ON, 0=OFF), this is standard
* add /N for CTRL function with Negative Logic (0=ON, 1=OFF)
* add suffix -HC for premounted heatsink and clips
Ordering Examples
RP30-2405SFW = 24V Input, 5V Output, Positive Logic CTRL pin fitted
RP30-4812DFW/N-HC = 48V Input, ±12V Output, Negative Logic CTRL pin fitted, Heatsink fitted
Description
The RP30-FW series DC/DC converters are designed to meet to UL 60950-1 and to cUL 60950-1.
This makes them ideal for all telecom and industrial applications where approved safety standards are required.
The industry standard 2” x 1” package meets military standards for thermal shock and vibration tolerance.
RP30-FW
POWERLINE
DC/DC-Converter
with 3 year Warranty
Please Read Application Notes
REV: 0/2012
www.recom-electronic.com
P-84
RoHS
2002/95/EC
6/6
UL-60950-1 Certified
E196683


Similar Part No. - RP30-4812DFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-4812DF RECOM-RP30-4812DF Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
More results

Similar Description - RP30-4812DFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPA30-AW RECOM-RPA30-AW Datasheet
1Mb / 6P
   4:1 Wide Input Voltage Range
RPA60-FW RECOM-RPA60-FW Datasheet
552Kb / 6P
   4:1 Wide Input Voltage Range
logo
Wall Industries,Inc.
RGUW3 WALL-RGUW3 Datasheet
362Kb / 6P
   4:1 Ultra Wide Input Voltage Range
RBA30 WALL-RBA30 Datasheet
1Mb / 10P
   Ultra Wide 4:1 Input Voltage Range
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP75H-RW RECOM-RP75H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP90Q-RW RECOM-RP90Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP240H-RW RECOM-RP240H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com