Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTE1000G13 Datasheet(PDF) 8 Page - ITT Industries

Part # RTE1000G13
Description  Low Profile Rotary DIP Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RTE1000G13 Datasheet(HTML) 8 Page - ITT Industries

  RTE1000G13 Datasheet HTML 1Page - ITT Industries RTE1000G13 Datasheet HTML 2Page - ITT Industries RTE1000G13 Datasheet HTML 3Page - ITT Industries RTE1000G13 Datasheet HTML 4Page - ITT Industries RTE1000G13 Datasheet HTML 5Page - ITT Industries RTE1000G13 Datasheet HTML 6Page - ITT Industries RTE1000G13 Datasheet HTML 7Page - ITT Industries RTE1000G13 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-27
I
C&K RTE Series
Low Profile Rotary DIP Switches
E
E
.303
(7,7)
.465
(12,1)
.078
(2,0)
.155
(4,0)
.012
(0,3)
059
(1,6)
.307
(7,8)
.155
(4,0)
.079
(20,0)
.465
(12,1)
D
D
(0,3 )
.012
.303
(7,7)
.059
(1,5)
.472
(12,0)
.079
(2,0)
.079
(2,0)
.157
(4,0)
.179
(4,5)
.157
(4,0)
.472
(12,0)
Direction of feed
Direction of feed
TAPE AND REEL
Tape and reel for RTExx02Gxx
750 pieces per reel.
Tape and reel for RTExx00Gxx
1,250 pieces per reel.
Note: Dimensions in:
inches
(mm)


Similar Part No. - RTE1000G13

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE1000G14 CK-COMPONENTS-RTE1000G14 Datasheet
382Kb / 7P
   Low Profile Rotary DIP Switches
RTE1000G14 CK-COMPONENTS-RTE1000G14 Datasheet
809Kb / 6P
   Low Profile Rotary DIP Switches
2021
RTE1000G14 CK-COMPONENTS-RTE1000G14 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE1000G15 CK-COMPONENTS-RTE1000G15 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE1000G17 CK-COMPONENTS-RTE1000G17 Datasheet
809Kb / 6P
   Low Profile Rotary DIP Switches
2021
More results

Similar Description - RTE1000G13

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
   Low Profile Rotary DIP Switches
15 Sep 22
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE CK-COMPONENTS-RTE Datasheet
382Kb / 7P
   Low Profile Rotary DIP Switches
logo
ITT Industries
RTE ITT-RTE Datasheet
427Kb / 8P
   Low Profile Rotary DIP Switches
logo
C&K Components
RTE CK-COMPONENTS-RTE_V01 Datasheet
809Kb / 6P
   Low Profile Rotary DIP Switches
2021
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
   Low-cost Rotary DIP Switches
logo
C&K Components
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
   7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
   Low Profile DIP Switches
logo
ITT Industries
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
   Low Profile DIP Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com