Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSLIDE16 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # RSLIDE16
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RSLIDE16 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  RSLIDE16 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO.
RSLIDE16
NOTES
Long life ball bearing slides
Sold in Pairs
Maximum Weight 130 lbs (Pair)
Comes with assembly hardware. 2 slides, 4 brackets
Some Assembly Required
OUTSIDE VIEW
INSIDE VIEW
16.00 in
406 mm
CLOSED
LENGTH
16.44 in
418 mm
EXTENSION
LENGTH
15.24 in
387 mm
1.84 in
47 mm
.44 in
11 mm
4X
O0.17 X 0.37
SLOT
.94 in
24 mm
SLIDE RAIL MOUNT BRACKETS
4.00 in
102 mm
2.68 in
68 mm
.18 in
4 mm
.50 in
13 mm
1.96 in
50 mm
.27 in
7 mm
.54 in
14 mm
1.96 in
50 mm
.96 in
24 mm
.21 in
5 mm
1.75 in
44 mm
O0.19 X 1.50
SLOT
5X
O0.25X 0.31
SLOT
ASSEMBLED VIEW
1.76 in
45 mm
1.26 in
32 mm
6.30 in
160 mm
5.04 in
128 mm
.38 in
10 mm
TYP
O
.18 in
5 mm
TYP
O
.25 in
6 mm
TYP
1.32 in
34 mm
.36 in
9 mm
TYP
1.18 in
30 mm
3.52 in
89 mm
7.54 in
192 mm
.36 in
9 mm
.38 in
10 mm
O
.20 in
5 mm
2.54 in
64 mm


Similar Part No. - RSLIDE16

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RSLIDE16 HAMMOND-RSLIDE16 Datasheet
56Kb / 1P
   Glissieres pour equipement, pour montage sur quatre montants
More results

Similar Description - RSLIDE16

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
FLHTF800A115 HAMMOND-FLHTF800A115 Datasheet
302Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MD2 HAMMOND-1490MD2 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MG6 HAMMOND-1490MG6 Datasheet
171Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MJ12 HAMMOND-1490MJ12 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Qimonda AG
GRDBARV22 QIMONDA-GRDBARV22 Datasheet
142Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Hammond Manufacturing L...
HCS-DFG-48 HAMMOND-HCS-DFG-48 Datasheet
135Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
GRDBAR800 HAMMOND-GRDBAR800 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1554MPB3 HAMMOND-1554MPB3 Datasheet
245Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ643HLP HAMMOND-HJ643HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ644HLP HAMMOND-HJ644HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ683HLP HAMMOND-HJ683HLP Datasheet
115Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com