Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ353 Datasheet(PDF) 4 Page - NEC

Part # 2SJ353
Description  P-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ353 Datasheet(HTML) 4 Page - NEC

  2SJ353 Datasheet HTML 1Page - NEC 2SJ353 Datasheet HTML 2Page - NEC 2SJ353 Datasheet HTML 3Page - NEC 2SJ353 Datasheet HTML 4Page - NEC 2SJ353 Datasheet HTML 5Page - NEC 2SJ353 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SJ353
4
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
–0.01
1
0.8
0.6
0.4
0.2
0
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. GATE TO SOURCE VOLTAGE
0
1
0.8
0.6
0.4
0.2
VGS - Gate to Source Voltage - V
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
–1
1 000
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
–0.1
100
ID - Drain Current - A
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
–10
–1
–0.1
–0.01
–0.001
VSD - Source to Drain Voltage - V
–0.1
–1
–10
–2
–5
–100
–10
–0.2
–0.5
–1
–2
–5
1.2
VGS = –10 V
TA = 75 ˚C
25 ˚C
–25 ˚C
–4
–8
–12
–16
–20
ID = –0.8 A
–1.0 A
500
200
100
50
20
10
–10
–20
–50
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
50
20
10
5
2
1
VDD = –30 V
VGS(on) = –10 V
RG = 10
tf
td(off)
tf
td(on)
0.2
0.4
0.6
0.8
1


Similar Part No. - 2SJ353

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ353 RENESAS-2SJ353 Datasheet
204Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
More results

Similar Description - 2SJ353

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ184 NEC-2SJ184 Datasheet
394Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
logo
Guangdong Kexin Industr...
2SJ181S KEXIN-2SJ181S Datasheet
45Kb / 2P
   P-Channel MOS FET For High-Speed Switching
logo
NEC
2SJ166 NEC-2SJ166 Datasheet
350Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SJ178 NEC-2SJ178 Datasheet
399Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SJ179 NEC-2SJ179 Datasheet
320Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SJ180 NEC-2SJ180 Datasheet
373Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SJ185 NEC-2SJ185 Datasheet
401Kb / 6P
   P-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SJ356 NEC-2SJ356 Datasheet
68Kb / 6P
   P-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
logo
Hitachi Semiconductor
2SJ576 HITACHI-2SJ576 Datasheet
27Kb / 5P
   Silicon P Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
RJJ0621DPP RENESAS-RJJ0621DPP Datasheet
107Kb / 7P
   P Channel Power MOS FET High Speed Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com