Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9180B Datasheet(PDF) 1 Page - Alpha Wire

Part # 9180B
Description  Customer Specification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

9180B Datasheet(HTML) 1 Page - Alpha Wire

  9180B Datasheet HTML 1Page - Alpha Wire 9180B Datasheet HTML 2Page - Alpha Wire 9180B Datasheet HTML 3Page - Alpha Wire 9180B Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Customer Specification
PART NO. 9180B
Construction
Diameters (In)
1) Component 1
1 X 1 COAX
a) Conductor
30 (7/38) AWG SCW
0.012
b) Insulation
0.045" Wall, Nom. PTFE
0.102
(1) Color(s)
Cond
Color
Cond
Color
Cond
Color
1
CLEAR
2) Shield
SPC BRAID Shield,91% Coverage, Min.
3) Jacket
0.010" Wall, Nom.,FEP
0.141+/- 0.004
a) Color(s)
NATURAL TAN
Applicable Specifications
1) Military
MIL-C-17/RG 180B/U
200°C / 1100 VRMS
Environmental
1) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU Directive
2002/95/EU regarding the restriction of use of certain hazardous substances in electrical and
electronic equipment. Consult Alpha Wire's web site for compliance Date of Manufacture.
2) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the requirements of
California Proposition 65.
Properties


Similar Part No. - 9180B

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9180 BELDEN-9180 Datasheet
163Kb / 2P
   Audio Cable, #26-1pr, TC, O/A Foil, CM
01-20-2023
logo
Heyco.
9180 HEYCO-9180 Datasheet
105Kb / 1P
   Countersunk Type H Rivets
logo
Belden Inc.
9180-0601000 BELDEN-9180-0601000 Datasheet
163Kb / 2P
   Audio Cable, #26-1pr, TC, O/A Foil, CM
01-20-2023
9180-Z4B1000 BELDEN-9180-Z4B1000 Datasheet
163Kb / 2P
   Audio Cable, #26-1pr, TC, O/A Foil, CM
01-20-2023
logo
List of Unclassifed Man...
91800601000 ETC2-91800601000 Datasheet
101Kb / 3P
   110 Ohm, 26 AWG stranded (7x34) .018 TC conductors
More results

Similar Description - 9180B

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5650B2008 ALPHAWIRE-5650B2008 Datasheet
107Kb / 4P
   Customer Specification
9159 ALPHAWIRE-9159 Datasheet
106Kb / 4P
   Customer Specification
9848 ALPHAWIRE-9848 Datasheet
106Kb / 4P
   Customer Specification
FIT-260-34 ALPHAWIRE-FIT-260-34 Datasheet
106Kb / 4P
   Customer Specification
FIT-221-116 ALPHAWIRE-FIT-221-116 Datasheet
112Kb / 4P
   Customer Specification
FIT-321V-34 ALPHAWIRE-FIT-321V-34 Datasheet
106Kb / 4P
   Customer Specification
CAP-22 ALPHAWIRE-CAP-22 Datasheet
106Kb / 4P
   Customer Specification
1604 ALPHAWIRE-1604_14 Datasheet
106Kb / 4P
   Customer Specification
FIT-295-18 ALPHAWIRE-FIT-295-18 Datasheet
107Kb / 4P
   Customer Specification
FIT-321-18 ALPHAWIRE-FIT-321-18 Datasheet
106Kb / 4P
   Customer Specification
FIT-350-316 ALPHAWIRE-FIT-350-316 Datasheet
107Kb / 4P
   Customer Specification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com