Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

892407T Datasheet(PDF) 9 Page - Alpha Wire

Part # 892407T
Description  Hook-Up Wire
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

892407T Datasheet(HTML) 9 Page - Alpha Wire

Back Button 892407T Datasheet HTML 5Page - Alpha Wire 892407T Datasheet HTML 6Page - Alpha Wire 892407T Datasheet HTML 7Page - Alpha Wire 892407T Datasheet HTML 8Page - Alpha Wire 892407T Datasheet HTML 9Page - Alpha Wire 892407T Datasheet HTML 10Page - Alpha Wire 892407T Datasheet HTML 11Page - Alpha Wire 892407T Datasheet HTML 12Page - Alpha Wire 892407T Datasheet HTML 13Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
385
Wire > Hook-Up Wire > 600 V
Hook-Up Wire
600 V, PVC
MIL-W-76 Type HW
Operating Temperature
• -20°C to +80°C
Materials
• Stranded tinned copper
conductor
• PVC insulation
Availability
100 ft (30.5 m)
1000 ft (305 m)
Part
No.
Wire Size
Stranding
Insulation Thickness Nominal Diameter
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
1579
14
2.08
41/30
41 x 0.25
0.045
1.14
0.164
4.17
1651
12
3.29
65/30
65 x 0.25
0.045
1.14
0.183
4.65
1653
10
5.32
105/30
105 x 0.25
0.045
1.14
0.210
5.33
1655
8
8.61
133/29
133 x 0.28
0.045
1.14
0.259
6.58
Insulation Colors
White
Black
Red


Similar Part No. - 892407T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8924 ETC2-8924 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
8924 ETC2-8924 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8924 ETC2-8924 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Heyco.
8924 HEYCO-8924 Datasheet
129Kb / 1P
   Heyco® Hose and Cable Wrap-Polyethylene
8924 HEYCO-8924 Datasheet
129Kb / 1P
   Hose and Cable Wrap-Polyethylene
More results

Similar Description - 892407T

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C2103A GENERAL-C2103A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2053A GENERAL-C2053A Datasheet
73Kb / 1P
   HOOK-UP WIRE
C2106A GENERAL-C2106A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2015A GENERAL-C2015A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2040A GENERAL-C2040A Datasheet
58Kb / 1P
   HOOK UP WIRE
C2101A GENERAL-C2101A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2016A GENERAL-C2016A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2052A GENERAL-C2052A Datasheet
73Kb / 1P
   HOOK-UP WIRE
C2117A GENERAL-C2117A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2003A GENERAL-C2003A Datasheet
73Kb / 1P
   HOOK-UP WIRE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com