Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS3861 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDTQS3861
Description  HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3861 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDTQS3861 Datasheet HTML 1Page - Integrated Device Technology IDTQS3861 Datasheet HTML 2Page - Integrated Device Technology IDTQS3861 Datasheet HTML 3Page - Integrated Device Technology IDTQS3861 Datasheet HTML 4Page - Integrated Device Technology IDTQS3861 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDTQS3861
HIGH-SPEEDCMOS10-BITBUSSWITCHWITHFLOW-THROUGHPINOUT
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2) Supply Voltage to Ground
–0.5 to +7
V
VTERM(3) DC Switch Voltage VS
–0.5 to +7
V
VTERM(3) DC Input Voltage VIN
–0.5 to +7
V
VAC
AC Input Voltage (pulse width
≤20ns)
–3
V
IOUT
DC Output Current
120
mA
PMAX
Maximum Power Dissipation
0.5
W
TSTG
Storage Temperature
–65 to +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
Z = High-Impedance
BE
A0 - A9
Function
H
Z
Disconnect
LB0 - B9
Connect
FUNCTION TABLE(1)
Pins
Typ.
Max.(1)
Unit
ControlInputs
3
5
pF
Quickswitch Channels (Switch OFF)
5
7
pF
CAPACITANCE (TA = +25°C, f = 1MHz, VIN = 0V, VOUT= 0V)
NOTE:
1. This parameter is guaranteed but not production tested.
Pin Names
Description
A0 - A9
Bus A
B0 - B9
Bus B
BE
Bus Switch Enable
PIN DESCRIPTION
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC .
QSOP/ TSSOP
TOP VIEW
GND
B9
A9
A8
A6
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
19
20
21
22
23
24
11
Vcc
B8
B7
A7
B6
B5
A5
B0
A0
A1
B1
B2
A2
A3
B3
B4
A4
BE
NC


Similar Part No. - IDTQS3861

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3861 IDT-IDTQS3861 Datasheet
43Kb / 5P
   The QS3861 provides a set of ten high-speed CMOS TTL-compatible bus switches.
IDTQS3861 IDT-IDTQS3861 Datasheet
218Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
logo
Renesas Technology Corp
IDTQS3861 RENESAS-IDTQS3861 Datasheet
383Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
JANUARY 2013
logo
Integrated Device Techn...
IDTQS3861PA IDT-IDTQS3861PA Datasheet
43Kb / 5P
   The QS3861 provides a set of ten high-speed CMOS TTL-compatible bus switches.
IDTQS3861PAG8 IDT-IDTQS3861PAG8 Datasheet
218Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
More results

Similar Description - IDTQS3861

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32861 IDT-IDTQS32861 Datasheet
38Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
IDTQS3861 IDT-IDTQS3861_13 Datasheet
218Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
logo
Renesas Technology Corp
IDTQS3861 RENESAS-IDTQS3861 Datasheet
383Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH FLOW-THROUGH PINOUT
JANUARY 2013
logo
Integrated Device Techn...
IDTQS3R861 IDT-IDTQS3R861 Datasheet
49Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH WITH FLOW-THROUGH PINOUT
IDTQS32X861 IDT-IDTQS32X861_11 Datasheet
221Kb / 5P
   HIGH-SPEED CMOS 20-BIT BUS SWITCH WITH FLOW-THRU PINOUT
IDTQS32X861 IDT-IDTQS32X861 Datasheet
67Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH WITH FLOW-THRU PINOUT
IDTQS32X2861 IDT-IDTQS32X2861 Datasheet
50Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH WITH FLOW-THRU PINOUT
IDTQS32XR862 IDT-IDTQS32XR862 Datasheet
104Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT LOW RESISTANCE, ACTIVE HIGH BUS SWITCH WITH FLOW-THROUGH PINOUT
logo
Renesas Technology Corp
IDTQS32X861 RENESAS-IDTQS32X861 Datasheet
399Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH WITH FLOW-THRU PINOUT
JUNE 2011
logo
Integrated Device Techn...
QS3861QG IDT-QS3861QG Datasheet
218Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH BUS SWITCH WITH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com