Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH25S Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NPH25S
Description  Isolated 25W Single Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NPH25S Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NPH25S Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NPH25S Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NPH25S Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NPH25S Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NPH25S Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NPH25S Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NPH25S Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NPH25S Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NPH25S Series
Isolated 25W Single Output DC/DC Converters
KDC_NPH25S.H01 Page 1 of 8
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
SELECTION GUIDE
Order Code1
Nominal Input
Voltage
Current Limit
MTTF2
Recommended
Alternative
V
V
A
A (Min.) A (Max.)
%
kHrs
NPH25S2403EiC
24
3.4
7.3
7.5
11.0
81
334
UEI30-033-Q48N-C
NPH25S2403iC
24
3.4
7.3
7.5
11.0
81
334
UEI30-033-Q48N-C
NPH25S2405EiC
24
5.1
5.0
5.0
7.5
84
290
UEI30-050-Q48N-C
NPH25S2405iC
24
5.1
5.0
5.0
7.5
84
290
UEI30-050-Q48N-C
NPH25S2412EiC
24
12.1
2.1
2.5
3.7
86
291
UEI30-120-Q48N-C
NPH25S2412iC
24
12.1
2.1
2.5
3.7
86
291
UEI30-120-Q48N-C
NPH25S2415EiC
24
15.1
1.7
2.0
3.0
87
290
UEI30-150-Q48N-C
NPH25S2415iC
24
15.1
1.7
2.0
3.0
87
290
UEI30-150-Q48N-C
Obsolete
NPH25S4803EiC
48
3.4
7.3
7.5
11.0
83
369
UEI25-033-D48P-C
NPH25S4803iC
48
3.4
7.3
7.5
11.0
83
369
UEI25-033-D48P-C
NPH25S4805EiC
48
5.1
5.0
5.0
7.5
85
366
UEI25-050-D48P-C
NPH25S4805iC
48
5.1
5.0
5.0
7.5
85
366
UEI25-050-D48P-C
NPH25S4812EiC
48
12.1
2.1
2.5
3.7
88
368
UEI25-120-D48P-C
NPH25S4812iC
48
12.1
2.1
2.5
3.7
88
368
UEI25-120-D48P-C
NPH25S4815EiC
48
15.1
1.7
2.0
3.0
89
366
Contact Murata
NPH25S4815iC
48
15.1
1.7
2.0
3.0
89
366
Contact Murata
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 24V input types
18
24
36
V
Continuous operation, 48V input types
36
48
75
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage set point error
50% load
0.5
%
Overall voltage error
Case temperature -40ºC to 110ºC
Load 0% - 100%, Input specified range
2.5
%
Temperature coefficient of
output voltage (slope)
250
ppmºC
Deviation of output voltage
Temperature MIN-MAX
0.5
1
%
Line regulation
Operating voltage range, 50% load
0.1
%
Load Regulation
0% - 100% rated load
0.5
Ripple
rms
70
mV
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
1500
VDC
Resistance
VISO = 500VDC
1
ABSOLUTE MAXIMUM RATINGS
Input voltage, 24V input types
-0.5V to 40V3
Input voltage, 48V input types
-0.5V to 80V3
Output voltage
-0.3V to regulated voltage
Output trim control
-1V to +30V
Synchronisation/shutdown control
±15V relative to input return
1. Parts ending with EiC have optional TRIM and SS pins fitted.
2. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
3. Absolute maximum value for 30 seconds. Prolonged operation may damage the product.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
FEATURES
„ RoHS compliant
„ High efficiency to 89%
„ Power density up to 1.78W/cm3
„ UL94 V-0 package material
„ Industry standard pinout
„ UL 1950 recognized
„ Non latching current limit
„ Constant 350kHz frequency
„ 1.5kV input to output isolation
„ Versatile control options
„ Continuous rating to 30W at 60ºC without
heatsink
„ Operation to zero load
„ Protected against load faults
„ Internal over temperature protection
„ Uses no electrolytic capacitors
DESCRIPTION
The NPH25S series of DC/DC converters combines
ease of application with versatility. The pin pattern
is based on the popular industry standard, but two
additional pins may optionally be fitted to provide
a variety of features not commonly found on units
of this type. High efficiency enables full rating to
be achieved in a small package without heat-
sinking, and a high surge capability will provide
for start-up and transient loads, whilst being
thermally protected against sustained overload.
Overload protection of the “constant current” type
ensures start-up into complex load conditions. The
copper case achieves efficient heat transfer and
screening. The product range has been recog-
nised by Underwriters Laboratory (UL) to UL 1950
for operational insulation, file number E151252
applies.
W S
s
NOT RECOMMENDED
FOR NEW DESIGNSIsIs
S


Similar Part No. - NPH25S

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NPH25S CANDD-NPH25S Datasheet
139Kb / 2P
   Isolated 25W Single Output DC/DC Converters
NPH25S2403I CANDD-NPH25S2403I Datasheet
139Kb / 2P
   Isolated 25W Single Output DC/DC Converters
NPH25S2405I CANDD-NPH25S2405I Datasheet
139Kb / 2P
   Isolated 25W Single Output DC/DC Converters
NPH25S2412I CANDD-NPH25S2412I Datasheet
139Kb / 2P
   Isolated 25W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NPH25S2415EIC MURATA-NPH25S2415EIC Datasheet
265Kb / 8P
   Isolated 25W Single Output DC/DC Converters
More results

Similar Description - NPH25S

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NPH25S2415EIC MURATA-NPH25S2415EIC Datasheet
265Kb / 8P
   Isolated 25W Single Output DC/DC Converters
logo
C&D Technologies
NPH25S CANDD-NPH25S Datasheet
139Kb / 2P
   Isolated 25W Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD-1W5 MICRODC-B-XD-1W5 Datasheet
848Kb / 3P
   Isolated 1.5W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com