Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NPH25S2412EIC Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # NPH25S2412EIC
Description  Isolated 25W Single Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NPH25S2412EIC Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

  NPH25S2412EIC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NPH25S2412EIC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NPH25S2412EIC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NPH25S2412EIC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NPH25S2412EIC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NPH25S2412EIC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NPH25S2412EIC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NPH25S2412EIC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NPH25S Series
Isolated 25W Single Output DC/DC Converters
KDC_NPH25S.H01 Page 8 of 8
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2013 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin
Function
1-VIN
2+VIN
3*
SS
4+VOUT
5*
TRIM
6-VOUT
* Optional pins
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
Weight: 45g
All dimensions in inches ±0.01 (mm ±0.25mm)
All pins on a 0.10 (2.54) pitch and within ±0.01 (0.254) of true position
* Optional control pins
The copper case is internally connected to the output (-VOUT) pin. Care is needed in the design of this circuit board on which
the converter is mounted. Top side tracks must not contact the edge of the case on the underside of the unit.
Please note that from 2010 onwards you may receive either a blue or a black case finish.
All dimensions in inches ±0.01 (mm ±0.25mm)
Tube length: 530 (20.866) ±2 (0.079)
Tube material: Antistatic coated clear PVC
Tube Quantity: 15
All dimensions in inches ±0.01 (mm ±0.25mm)
* Optional control pins
0.800 (20.32)
0.584 (14.84)
0.394 (10.00)
1.378 (35.00)
0.041 (1.04)
0.035 (0.90)
1.969 (50.00)
*
*
Ø
3
2
1
4
6
5
0.29 (7.34)
XYYWW
NPH25S2412iC


Similar Part No. - NPH25S2412EIC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NPH25S2412I CANDD-NPH25S2412I Datasheet
139Kb / 2P
   Isolated 25W Single Output DC/DC Converters
More results

Similar Description - NPH25S2412EIC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NPH25S2415EIC MURATA-NPH25S2415EIC Datasheet
265Kb / 8P
   Isolated 25W Single Output DC/DC Converters
logo
C&D Technologies
NPH25S CANDD-NPH25S Datasheet
139Kb / 2P
   Isolated 25W Single Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
CME MURATA-PS-CME Datasheet
361Kb / 11P
   Isolated 0.75W Single Output Isolated DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
   Isolated 15W Single Output DC/DC Converters
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
   Isolated 3W Single Output DC/DC Converters
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XD-1W5 MICRODC-B-XD-1W5 Datasheet
848Kb / 3P
   Isolated 1.5W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com