Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLZ24NSL Datasheet(PDF) 4 Page - International Rectifier

Part # IRLZ24NSL
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLZ24NSL Datasheet(HTML) 4 Page - International Rectifier

  IRLZ24NSL Datasheet HTML 1Page - International Rectifier IRLZ24NSL Datasheet HTML 2Page - International Rectifier IRLZ24NSL Datasheet HTML 3Page - International Rectifier IRLZ24NSL Datasheet HTML 4Page - International Rectifier IRLZ24NSL Datasheet HTML 5Page - International Rectifier IRLZ24NSL Datasheet HTML 6Page - International Rectifier IRLZ24NSL Datasheet HTML 7Page - International Rectifier IRLZ24NSL Datasheet HTML 8Page - International Rectifier IRLZ24NSL Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRLZ24NS/L
Fig 7. Typical Source-Drain Diode
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
200
400
600
800
1
1 0
100
DS
V
, D rain-to-S ourc e V oltage (V )
A
V
= 0V ,
f = 1M H z
C
= C
+ C
, C
S H O R T E D
C
= C
C
= C
+ C
GS
is s
g s
g d
d s
rs s
g d
o ss
d s
gd
C iss
C oss
C rss
0
3
6
9
12
15
04
8
1 2
1 6
2 0
Q
, T otal G ate C harge (nC )
G
A
FO R TE S T CIR C U IT
S E E F IG U R E 1 3
V
= 44 V
V
= 28 V
I
= 1 1A
DS
DS
D
1
10
100
0.4
0.8
1.2
1.6
2.0
T = 2 5°C
J
V
= 0 V
GS
V
, S o urc e-to-D rain V o ltage (V )
SD
A
T = 175°C
J
1
10
100
1000
1
1 0
100
V
, D ra in-to-S o u rce V o lta ge (V )
DS
O P E R A T IO N IN T H IS A R E A L IM ITE D
B Y R DS (on)
10µ s
100µ s
1m s
10m s
A
T
= 25 °C
T
= 17 5°C
Sing le P u ls e
C
J


Similar Part No. - IRLZ24NSL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
   HEXFET Power MOSFET
IRLZ24NSPBF IRF-IRLZ24NSPBF Datasheet
301Kb / 10P
   HEXFET Power MOSFET
IRLZ24NSPBF IRF-IRLZ24NSPBF Datasheet
306Kb / 10P
   Advanced Process Technology
IRLZ24NSPBF IRF-IRLZ24NSPBF_15 Datasheet
306Kb / 10P
   Advanced Process Technology
More results

Similar Description - IRLZ24NSL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com