Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P34TG-1212Z21MLF Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # P34TG-1212Z21MLF
Description  PMD-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P34TG-1212Z21MLF Datasheet(HTML) 3 Page - PEAK electronics GmbH

  P34TG-1212Z21MLF Datasheet HTML 1Page - PEAK electronics GmbH P34TG-1212Z21MLF Datasheet HTML 2Page - PEAK electronics GmbH P34TG-1212Z21MLF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PMD-Series – P34TG-xxxxE/Z2:1MLF – Single and Dual Output – DIP24 - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 3/3
Package / Pinning / Derating
#
SINGLE
DUAL
2
- Vin
- Vin
3
- Vin
- Vin
9
Omitted
Common
11
N.C.
- Vout
14
+Vout
+Vout
16
- Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
others Omitted
Omitted
PIN CONNECTIONS
App Notes:
¹ = Measured Input reflected ripple current with a simulated source inductance of 12uH.
² = Tested by nominal Vin and constant resistor load.
³ = One load is 25% - 100%, the other load is 100%, the output voltage variable rate is within ± 5%
4
= Input filter components (C1,C2,L) are used to help meet conducted emissions requirement for the module. These
components should be mounted as close as possible to the module; all leads should be minimized to decrease radiated noise.
5
= An external filter capacitor (e.g. Nippon - chemi - con KY series, 220uF/100V) is required if the module has to meet
EN61000-4-4 and EN61000-4-5.
EMC SPECIFICATIONS
Radiated Emissions
EN 55022
CLASS A
Conducted Emissions
4
EN55022
CLASS A
ESD
IEC 61000-4-2
Perf. Criteria B
RS
IEC 61000-4-3
Perf. Criteria A
EFT
5
IEC 61000-4-4
Perf. Criteria B
Surge
5
IEC 61000-4-5
Perf. Criteria B
CS
IEC 61000-4-6
Perf. Criteria A
PFMF
IEC 61000-4-8
Perf. Criteria A


Similar Part No. - P34TG-1212Z21MLF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P34TG-11005E5:1M PEAK-P34TG-11005E5:1M Datasheet
274Kb / 4P
   Single and Dual Reg. Output
P34TG-11005Z5:1M PEAK-P34TG-11005Z5:1M Datasheet
274Kb / 4P
   Single and Dual Reg. Output
P34TG-11012E5:1M PEAK-P34TG-11012E5:1M Datasheet
274Kb / 4P
   Single and Dual Reg. Output
P34TG-11012Z5:1M PEAK-P34TG-11012Z5:1M Datasheet
274Kb / 4P
   Single and Dual Reg. Output
P34TG-11015E5:1M PEAK-P34TG-11015E5:1M Datasheet
274Kb / 4P
   Single and Dual Reg. Output
More results

Similar Description - P34TG-1212Z21MLF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P18TG-123R3E21LF PEAK-P18TG-123R3E21LF Datasheet
135Kb / 3P
   PMD-SERIES
P22TG PEAK-P22TG_14 Datasheet
139Kb / 3P
   PMD-SERIES
P26TG PEAK-P26TG_14 Datasheet
139Kb / 3P
   PMD-SERIES
P18TG-123R3E21MLF PEAK-P18TG-123R3E21MLF Datasheet
146Kb / 3P
   PMD-SERIES
P42TG PEAK-P42TG_14 Datasheet
136Kb / 3P
   PMD-SERIES
logo
STMicroelectronics
L5961 STMICROELECTRONICS-L5961_08 Datasheet
161Kb / 7P
   MOST power management device (PMD)
logo
RFE international
PMD RFE-PMD Datasheet
56Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMD Series: Radial Dipped
REV 2013.02.13
logo
Micro Linear Corporatio...
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
   Fast Ethernet/FDDI TP-PMD Transceiver
ML6691 MICRO-LINEAR-ML6691 Datasheet
143Kb / 10P
   100BASE-T MII-to-PMD Transceiver
logo
RFE international
PMD105M2E RFE-PMD105M2E Datasheet
85Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMD Series: Radial Dipped
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com