Electronic Components Datasheet Search |
|
P30WG-243R315D41LF Datasheet(PDF) 4 Page - PEAK electronics GmbH |
|
P30WG-243R315D41LF Datasheet(HTML) 4 Page - PEAK electronics GmbH |
4 / 4 page PMTW-Series – P30WG-xxxxE/Z/D 4:1LF – Single, Dual and Triple Output – 2”x1” - Metal Case Specification can change without a notice – We accept no liability for any inaccuracy or printing errors. Page 4/4 App Notes 1 = Measured Input reflected ripple current with a simulated source inductance of 12uH. 2 = Tested by minimal Vin and constant resistive load. 3 = Dual: One load is 25% to 100% load, the other load is 100% load, the output voltage variable rate is within ±5%. Triple: Main output 100% load, auxiliary 100%, other auxiliary 25% to 100%. Auxiliary outputs ( + Aux and - Aux ) : main output 100% load, auxiliary 100%, other auxiliary 25% to 100% or main output 25%, auxiliary 25%, other auxiliary 25% to100%. 4 = Tested by nominal Vin and 25% load step change (75% - 50% - 25% of Io) 5 = The PMTW series can meet EN55022 Class A With an external filter in parallel with the input pins. 6 = An external filter capacitor is required if the module has to meet EN61000-4-4 and EN61000-4-5 7 = The remote on/off control pin is referenced to –Vin (Pin2). EMI Filter: Input filter components (C1, C3, L) are used to help meet conducted emissions requirement. These components should be mounted as close as possible to the module; all leads should be minimized to decrease radiated noise. EMC SPECIFICATIONS Radiated Emissions EN 55022 CLASS A Conducted Emissions 5 EN 55022 CLASS A ESD EN 61000-4-2 Perf. Criteria A RS EN 61000-4-3 Perf. Criteria A EFT 6 EN 61000-4-4 Perf. Criteria A Surge 6 EN 61000-4-5 Perf. Criteria A CS EN 61000-4-6 Perf. Criteria A PFMF EN 61000-4-8 Perf. Criteria A Over Voltage Protection (Zender diode clamp) 3.3 Vout: 3.9 V 5 Vout 6.2 V 5.1 Vout 6.2 V 12 Vout 15 V 15 Vout 18 V ± 5 Vout ± 6.2 V ± 12 Vout ± 15 V ± 15 Vout ± 18 V Under Input Voltage Lockout (typ.) 24 Vin Models Module ON/OFF 8.6V / 7.9V 48 Vin Models Module ON/OFF 17.8V / 16V Remote ON/OFF Control 7 ON: 3 -12 VDC or open circuit OFF: 0 – 1.2 VDC or short circuit PIN2 and PIN3 OFF idle current: 5mA, typ. 6 5 6 4 Rtrim-up Rtrim-down External Output Trimming Output can be externally trimmed. (Single output models only!) C1: 100uF, 100V L: 12uH C3: 1206, 470PF, 2kV C1: 100uF, 100V L: 12uH C3: 1206, 470PF, 2kV Single&Dual Models Triple Models |
Similar Part No. - P30WG-243R315D41LF |
|
Similar Description - P30WG-243R315D41LF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |