Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P42TG-242R5E21LF Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part No. P42TG-242R5E21LF
Description  PMD-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P42TG-242R5E21LF Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P42TG-242R5E21LF Datasheet HTML 1Page - PEAK electronics GmbH P42TG-242R5E21LF Datasheet HTML 2Page - PEAK electronics GmbH P42TG-242R5E21LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PMD-Series – P42TG-xxxxE/Z2:1MLF – Single and Dual Output – DIP24 - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/3
P42TG-xxxxE/Z2:1MLF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
2:1 Wide Input
Input Filter
Pi Type
Input Reflected Ripple Current¹
20 mA pk-pk
Start Up Time (nom. Vin and constant resistive load) 20mS, typ.
Output Specifications
Voltage Accuracy
± 1%
Short Circuit Protection
Indefinite (hiccup, automatic recovery)
Line Regulation²
± 0.5%
Load Regulation
3
(Io = 10 - 100%)
± 0.5% (2.5, 3.3Vout Models: ± 0.7%)
Cross Regulation
3
(Dual Output)
± 5%
Over Current Protection
150% of FL, typ.
Ripple and Noise (20Mhz bandwidth)
75 mV pk-pk
Temperature Coefficient
± 0.02% / °C
Transient Recovery Time
4
200us, typ
Transient Response Deviation
4
± 3%, max.
General Specifications
Efficiency
See Table
I/O Isolation Voltage (3 sec.)
1500 VDC
I/O Isolation Capacity
1000 pF, typ.
I/O Isolation Resistance
1000 MOhm
Switching Frequency (typical)
330 kHz
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 1 Mhrs
Physical Specifications
Case Material
Nickel Coated Copper
Potting Material
Epoxy (UL94V-0 rated)
Weight
~ 17.0g, typ.
Environment Specifications
Operating Temperature
-40 to +60°C (ambient)
Maximum Case Temperature
100°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection
RoHS Conform
Soldering 260°C, max. (1.5mm from case 10s.)
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PMD 10W series P42TG-xxxxE/Z2:1MLF is a family of cost effective
10W single & dual output DC-DC converters. These converters are
encapsulated in miniature DIP24 metal case. High performance features:
1500VDC input/output isolation, continuous short circuit protection with
automatic restart and tight line / load regulation, high efficiency operation,
output voltage accuracy of ±1% maximum. And a wide input of 2:1
PMD-SERIES
10 Watt
Regulated
Single and Dual Output
1.5 kV DC I/O Isolation
DIP24 Metal Case
Continuous Short Circuit Prot.
Full SMD Technology
Rev.11-2008


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn