Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P42TG Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part No. P42TG
Description  PMD-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P42TG Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P42TG_14 Datasheet HTML 1Page - PEAK electronics GmbH P42TG_14 Datasheet HTML 2Page - PEAK electronics GmbH P42TG_14 Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PMD-Series – P42TG-xxxxE/Z2:1MLF – Single and Dual Output – DIP24 - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Single/Dual Output
Order #
Inp
ut V
olta
ge
(VD
C)
Inp
ut C
urre
nt N
o L
oad
(mA
)
Inp
ut C
urre
nt F
ull L
oad
(mA
)
Out
put
Vol
tag
e (V
DC
)
Out
put
Cur
ren
t M
in. L
oad
(mA
)
Out
put
Cur
ren
t Fu
ll Lo
ad
(mA
)
Effi
cien
cy (
%)
Cap
acit
or L
oad
(uF
)
5
SINGLE OUTPUT
P42TG-122R5E2:1LF
9-18
10
791
2.5
0
3000
81
2200
P42TG-123R3E2:1LF
9-18
10
1006
3.3
0
3000
84
2200
P42TG-1205E2:1LF
9-18
10
992
5
0
2000
86
2200
P42TG-1212E2:1LF
9-18
10
980
12
0
833
87
820
P42TG-1215E2:1LF
9-18
10
958
15
0
667
89
470
P42TG-242R5E2:1LF
18-36
10
381
2.5
0
3000
84
2200
P42TG-243R3E2:1LF
18-36
10
497
3.3
0
3000
85
2200
P42TG-2405E2:1LF
18-36
10
479
5
0
2000
89
2200
P42TG-2412E2:1LF
18-36
10
485
12
0
833
88
820
P42TG-2415E2:1LF
18-36
10
485
15
0
667
88
470
P42TG-482R5E2:1LF
36-75
10
191
2.5
0
3000
84
2200
P42TG-483R3E2:1LF
36-75
10
249
3.3
0
3000
85
2200
P42TG-4805E2:1LF
36-75
10
242
5
0
2000
88
2200
P42TG-4812E2:1LF
36-75
10
245
12
0
833
87
820
P42TG-4815E2:1LF
36-75
10
242
15
0
667
88
470
DUAL OUTPUT
P42TG-1212Z2:1LF
9-18
10
980
± 12
0
± 416
87
± 220
P42TG-1215Z2:1LF
9-18
10
969
± 15
0
± 333
88
± 150
P42TG-2412Z2:1LF
18-36
10
485
± 12
0
± 416
88
± 220
P42TG-2415Z2:1LF
18-36
10
474
± 15
0
± 333
90
± 150
P42TG-4812Z2:1LF
36-75
10
245
± 12
0
± 416
87
± 220
P42TG-4815Z2:1LF
36-75
10
245
± 15
0
± 333
87
± 150
If you need other specifications, please enquire.
Notes:


Similar Part No. - P42TG_14

ManufacturerPart No.DatasheetDescription
PEAK electronics GmbH
PEAK electronics GmbH
P42TG-1205E2:1MLF PEAK-P42TG-1205E2:1MLF Datasheet
136Kb / 3P
   Single and Dual Output
P42TG-1212E2:1MLF PEAK-P42TG-1212E2:1MLF Datasheet
136Kb / 3P
   Single and Dual Output
P42TG-1212Z2:1MLF PEAK-P42TG-1212Z2:1MLF Datasheet
136Kb / 3P
   Single and Dual Output
P42TG-1215E2:1MLF PEAK-P42TG-1215E2:1MLF Datasheet
136Kb / 3P
   Single and Dual Output
P42TG-1215Z2:1MLF PEAK-P42TG-1215Z2:1MLF Datasheet
136Kb / 3P
   Single and Dual Output
More results

Similar Description - P42TG_14

ManufacturerPart No.DatasheetDescription
PEAK electronics GmbH
PEAK electronics GmbH
P18TG-123R3E21LF PEAK-P18TG-123R3E21LF Datasheet
135Kb / 3P
   PMD-SERIES
P34TG PEAK-P34TG_14 Datasheet
135Kb / 3P
   PMD-SERIES
P22TG PEAK-P22TG_14 Datasheet
139Kb / 3P
   PMD-SERIES
P26TG PEAK-P26TG_14 Datasheet
139Kb / 3P
   PMD-SERIES
P18TG-123R3E21MLF PEAK-P18TG-123R3E21MLF Datasheet
146Kb / 3P
   PMD-SERIES
RFE international
RFE international
PMD105M2E RFE-PMD105M2E Datasheet
85Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMD Series: Radial Dipped
STMicroelectronics
STMicroelectronics
L5961 STMICROELECTRONICS-L5961_08 Datasheet
161Kb / 7P
   MOST power management device (PMD)
Micro Linear Corporation
Micro Linear Corporatio...
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
   Fast Ethernet/FDDI TP-PMD Transceiver
ML6691 MICRO-LINEAR-ML6691 Datasheet
143Kb / 10P
   100BASE-T MII-to-PMD Transceiver
Integrated Device Technology
Integrated Device Techn...
IDT77105 IDT-IDT77105 Datasheet
335Kb / 24P
   PHY (TC-PMD) for 25.6 Mbps ATM Networks
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz