Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P22TG-1205Z21LF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P22TG-1205Z21LF
Description  PMD-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P22TG-1205Z21LF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P22TG-1205Z21LF Datasheet HTML 1Page - PEAK electronics GmbH P22TG-1205Z21LF Datasheet HTML 2Page - PEAK electronics GmbH P22TG-1205Z21LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PMD-Series – P22TG-xxxxE/Z2:1(H35)LF – Single and Dual Output – DIP24 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Single/Dual Output
Order #
Inpu
t Vo
ltag
e (V
DC)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Vol
tage
(VD
C)
Out
put
Cur
rent
Min
. Lo
ad (
mA
)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
²)
SINGLE OUTPUT
P22TG-123R3E2:1LF
9-18
30
490
3.3
0
1300
73
1000
P22TG-1205E2:1LF
9-18
30
542
5
0
1000
77
1000
P22TG-1209E2:1LF
9-18
30
534
9
0
555
78
680
P22TG-1212E2:1LF
9-18
30
514
12
0
417
81
330
P22TG-1215E2:1LF
9-18
30
520
15
0
333
80
220
P22TG-1224E2:1LF
9-18
30
520
24
0
208
80
68
P22TG-243R3E2:1LF
18-36
20
239
3.3
0
1300
75
1000
P22TG-2405E2:1LF
18-36
20
261
5
0
1000
80
1000
P22TG-2409E2:1LF
18-36
20
254
9
0
555
82
680
P22TG-2412E2:1LF
18-36
20
261
12
0
417
80
330
P22TG-2415E2:1LF
18-36
20
255
15
0
333
82
220
P22TG-2424E2:1LF
18-36
20
255
24
0
208
82
68
P22TG-483R3E2:1LF
36-72
12
120
3.3
0
1300
75
1000
P22TG-4805E2:1LF
36-72
12
131
5
0
1000
80
1000
P22TG-4809E2:1LF
36-72
12
127
9
0
555
82
680
P22TG-4812E2:1LF
36-72
12
131
12
0
417
80
330
P22TG-4815E2:1LF
36-72
12
126
15
0
333
83
220
P22TG-4824E2:1LF
36-72
12
126
24
0
208
83
68
DUAL OUTPUT
P22TG-123R3Z2:1LF
9-18
30
565
± 3.3
0
± 750
73
± 680
P22TG-1205Z2:1LF
9-18
30
542
± 5
0
± 500
77
± 330
P22TG-1209Z2:1LF
9-18
30
520
± 9
0
± 278
80
± 220
P22TG-1212Z2:1LF
9-18
30
520
± 12
0
± 208
80
± 100
P22TG-1215Z2:1LF
9-18
30
528
± 15
0
± 167
79
± 47
P22TG-1224Z2:1LF
9-18
30
520
± 24
0
± 104
80
± 33
P22TG-243R3Z2:1LF
18-36
20
275
± 3.3
0
± 750
75
± 680
P22TG-2405Z2:1LF
18-36
20
267
± 5
0
± 500
78
± 330
P22TG-2409Z2:1LF
18-36
20
251
± 9
0
± 278
83
± 220
P22TG-2412Z2:1LF
18-36
20
261
± 12
0
± 208
80
± 100
P22TG-2415Z2:1LF
18-36
20
261
± 15
0
± 167
80
± 47
P22TG-2424Z2:1LF
18-36
20
261
± 24
0
± 104
80
± 33
P22TG-483R3Z2:1LF
36-72
12
142
± 3.3
0
± 750
73
± 680
P22TG-4805Z2:1LF
36-72
12
132
± 5
0
± 500
79
± 330
P22TG-4809Z2:1LF
36-72
12
132
± 9
0
± 278
79
± 220
P22TG-4812Z2:1LF
36-72
12
131
± 12
0
± 208
80
± 100
P22TG-4815Z2:1LF
36-72
12
131
± 15
0
± 167
80
± 47
P22TG-4824Z2:1LF
36-72
12
131
± 24
0
± 104
80
± 33
If you need other specifications, please enquire.
* For optional 3.5kV DC I/O Isolation, please add “H35” before LF!
Example: P22TG-1205Z2:1H35LF for 3.5kV


Similar Part No. - P22TG-1205Z21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P22TG-1205Z21 PEAK-P22TG-1205Z21 Datasheet
198Kb / 2P
   1.5 KV ISOLATED 5 W REGULATED DUAL OUTPUT DIP24
P22TG-1205Z21H35 PEAK-P22TG-1205Z21H35 Datasheet
198Kb / 2P
   3.5 KV ISOLATED 5 W REGULATED DUAL OUTPUT DIP24
P22TG-1205Z21H35M PEAK-P22TG-1205Z21H35M Datasheet
192Kb / 2P
   3.5 KV ISOLATED 5 W REGULATED DUAL OUTPUT DIP24
P22TG-1205Z21M PEAK-P22TG-1205Z21M Datasheet
192Kb / 2P
   1.5 KV ISOLATED 5 W REGULATED DUAL OUTPUT DIP24
More results

Similar Description - P22TG-1205Z21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P18TG-123R3E21LF PEAK-P18TG-123R3E21LF Datasheet
135Kb / 3P
   PMD-SERIES
P34TG PEAK-P34TG_14 Datasheet
135Kb / 3P
   PMD-SERIES
P26TG PEAK-P26TG_14 Datasheet
139Kb / 3P
   PMD-SERIES
P18TG-123R3E21MLF PEAK-P18TG-123R3E21MLF Datasheet
146Kb / 3P
   PMD-SERIES
P42TG PEAK-P42TG_14 Datasheet
136Kb / 3P
   PMD-SERIES
logo
STMicroelectronics
L5961 STMICROELECTRONICS-L5961_08 Datasheet
161Kb / 7P
   MOST power management device (PMD)
logo
RFE international
PMD RFE-PMD Datasheet
56Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMD Series: Radial Dipped
REV 2013.02.13
logo
Micro Linear Corporatio...
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
   Fast Ethernet/FDDI TP-PMD Transceiver
ML6691 MICRO-LINEAR-ML6691 Datasheet
143Kb / 10P
   100BASE-T MII-to-PMD Transceiver
logo
RFE international
PMD105M2E RFE-PMD105M2E Datasheet
85Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMD Series: Radial Dipped
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com