Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P18TG-483R3E21LF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P18TG-483R3E21LF
Description  PMD-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P18TG-483R3E21LF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P18TG-483R3E21LF Datasheet HTML 1Page - PEAK electronics GmbH P18TG-483R3E21LF Datasheet HTML 2Page - PEAK electronics GmbH P18TG-483R3E21LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PMD-Series – P18TG-xxxxE/Z2:1(H35)LF – Single and Dual Output – DIP24 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Single/Dual Output
Order #
Inpu
t Vo
ltag
e (V
DC)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Vol
tage
(VD
C)
Out
put
Cur
rent
Min
. Lo
ad (
mA
)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effic
ienc
y (%
)
Cap
acit
or L
oad
² (u
F)
SINGLE OUTPUT
P18TG-123R3E2:1LF
9-18
30
463
3.3
0
1200
72
3300
P18TG-1205E2:1LF
9-18
30
428
5
0
800
78
1000
P18TG-1209E2:1LF
9-18
30
428
9
0
444
78
470
P18TG-1212E2:1LF
9-18
30
417
12
0
333
80
220
P18TG-1215E2:1LF
9-18
30
417
15
0
266
80
100
P18TG-1224E2:1LF
9-18
30
417
24
0
166
80
47
P18TG-243R3E2:1LF
18-36
20
223
3.3
0
1200
75
3300
P18TG-2405E2:1LF
18-36
20
209
5
0
800
80
1000
P18TG-2409E2:1LF
18-36
20
209
9
0
444
80
470
P18TG-2412E2:1LF
18-36
20
201
12
0
333
83
220
P18TG-2415E2:1LF
18-36
20
209
15
0
266
80
100
P18TG-2424E2:1LF
18-36
20
196
24
0
166
85
47
P18TG-483R3E2:1LF
36-72
15
112
3.3
0
1200
75
3300
P18TG-4805E2:1LF
36-72
15
105
5
0
800
80
1000
P18TG-4809E2:1LF
36-72
15
102
9
0
444
82
470
P18TG-4812E2:1LF
36-72
15
105
12
0
333
80
220
P18TG-4815E2:1LF
36-72
15
103
15
0
266
81
100
P18TG-4824E2:1LF
36-72
15
102
24
0
166
82
47
DUAL OUTPUT
P18TG-123R3Z2:1LF
9-18
30
452
± 3.3
0
± 600
73
± 680
P18TG-1205Z2:1LF
9-18
30
428
± 5
0
± 400
78
± 470
P18TG-1209Z2:1LF
9-18
30
417
± 9
0
± 220
80
± 220
P18TG-1212Z2:1LF
9-18
30
417
± 12
0
± 166
80
± 100
P18TG-1215Z2:1LF
9-18
30
417
± 15
0
± 133
80
± 47
P18TG-1224Z2:1LF
9-18
30
421
± 24
0
± 83
79
± 22
P18TG-243R3Z2:1LF
18-36
20
226
± 3.3
0
± 600
73
± 680
P18TG-2405Z2:1LF
18-36
20
211
± 5
0
± 400
79
± 470
P18TG-2409Z2:1LF
18-36
20
209
± 9
0
± 220
80
± 220
P18TG-2412Z2:1LF
18-36
20
204
± 12
0
± 166
82
± 100
P18TG-2415Z2:1LF
18-36
20
209
± 15
0
± 133
80
± 47
P18TG-2424Z2:1LF
18-36
20
214
± 24
0
± 83
78
± 22
P18TG-483R3Z2:1LF
36-72
15
116
± 3.3
0
± 600
72
± 680
P18TG-4805Z2:1LF
36-72
15
107
± 5
0
± 400
78
± 470
P18TG-4809Z2:1LF
36-72
15
107
± 9
0
± 220
78
± 220
P18TG-4812Z2:1LF
36-72
15
105
± 12
0
± 166
80
± 100
P18TG-4815Z2:1LF
36-72
15
105
± 15
0
± 133
80
± 47
P18TG-4824Z2:1LF
36-72
15
105
± 24
0
± 83
80
± 22
If you need other specifications, please enquire.
* For optional 3.5kV DC I/O Isolation, please add “H35” before LF!
Example: P18TG-1205Z2:1H35LF for 3.5kV


Similar Part No. - P18TG-483R3E21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P18TG-483R3E21MLF PEAK-P18TG-483R3E21MLF Datasheet
146Kb / 3P
   PMD-SERIES
More results

Similar Description - P18TG-483R3E21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P34TG PEAK-P34TG_14 Datasheet
135Kb / 3P
   PMD-SERIES
P22TG PEAK-P22TG_14 Datasheet
139Kb / 3P
   PMD-SERIES
P26TG PEAK-P26TG_14 Datasheet
139Kb / 3P
   PMD-SERIES
P18TG-123R3E21MLF PEAK-P18TG-123R3E21MLF Datasheet
146Kb / 3P
   PMD-SERIES
P42TG PEAK-P42TG_14 Datasheet
136Kb / 3P
   PMD-SERIES
logo
STMicroelectronics
L5961 STMICROELECTRONICS-L5961_08 Datasheet
161Kb / 7P
   MOST power management device (PMD)
logo
RFE international
PMD RFE-PMD Datasheet
56Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMD Series: Radial Dipped
REV 2013.02.13
logo
Micro Linear Corporatio...
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
   Fast Ethernet/FDDI TP-PMD Transceiver
ML6691 MICRO-LINEAR-ML6691 Datasheet
143Kb / 10P
   100BASE-T MII-to-PMD Transceiver
logo
RFE international
PMD105M2E RFE-PMD105M2E Datasheet
85Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMD Series: Radial Dipped
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com