Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBM3960N Datasheet(PDF) 8 Page - Ericsson

Part # PBM3960N
Description  Microstepping Controller/Dual Digital-to-Analog Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBM3960N Datasheet(HTML) 8 Page - Ericsson

Back Button PBM3960N Datasheet HTML 2Page - Ericsson PBM3960N Datasheet HTML 3Page - Ericsson PBM3960N Datasheet HTML 4Page - Ericsson PBM3960N Datasheet HTML 5Page - Ericsson PBM3960N Datasheet HTML 6Page - Ericsson PBM3960N Datasheet HTML 7Page - Ericsson PBM3960N Datasheet HTML 8Page - Ericsson PBM3960N Datasheet HTML 9Page - Ericsson PBM3960N Datasheet HTML 10Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PBM 3960/1
8
Figure 14. Typical application in a microprocessor based system.
D0
D7
A0
A1
WR
CS
RESET
VV
PBM 3960/1
21
2
19
4
20
3
18
5
1
15
6
22
16
17
7
14
To
mP
+2.5V
Sign
CD
DA
1
1
1
Sign
CD
DA
2
2
2
SS
VDD
Ref
7
8
9
16
15
14
Phase
CD
V
Phase
CD
V
1
1
2
2
R1
R2
E
C
E
C
GND
RC
PBL 3771/1
15 kW
3 300 pF
1.0 W
1.0 W
M
M
M
M
A1
B1
A2
B2
V
CC
VV
MM1
MM2
+5 V
4
1
19
22
11
3
20
12
5,
6,
17, 18
2
13
21
10
11
2
2
R S
STEPPER
MOTOR
V
MM
Pin numbers refer
to DIL package.
GND (V
)
1 kW
1 kW
820 pF
820 pF
R S
0.1 mF
0.1 mF
+
10 mF
V
(+5 V)
CC
GND
(V
)
CC
MM
Figure 13. Typical blockdiagram of an application without a microprocessor. Available as testboard, TB 307i/2.
Counter
PROM
PBM 3960/1
PBL 3771/1
Voltage
Reference
Control Logic
Step
Direction
Clock Up/Dn
CE
A0
WR
CS
A1
Vref
D0-D7


Similar Part No. - PBM3960N

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PBM300 XPPOWER-PBM300 Datasheet
161Kb / 2P
   300 Watts PBM300 Series
PBM300PQ01-C XPPOWER-PBM300PQ01-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
PBM300PQ01-C XPPOWER-PBM300PQ01-C Datasheet
161Kb / 2P
   300 Watts PBM300 Series
PBM300PQ02-C XPPOWER-PBM300PQ02-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
PBM300PQ02-C XPPOWER-PBM300PQ02-C Datasheet
161Kb / 2P
   300 Watts PBM300 Series
More results

Similar Description - PBM3960N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9689 AD-AD9689 Datasheet
2Mb / 134P
   Dual Analog-to-Digital Converter
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
AD9691 AD-AD9691_17 Datasheet
1Mb / 73P
   Dual Analog-to-Digital Converter
AD9695 AD-AD9695 Datasheet
5Mb / 136P
   Dual Analog-to-Digital Converter
AD9640 AD-AD9640_17 Datasheet
1Mb / 54P
   1.8V Dual Analog-to-Digital Converter
logo
Texas Instruments
TMS57014A TI-TMS57014A Datasheet
227Kb / 16P
[Old version datasheet]   DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com