Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10TG-123R3Z21LF Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # P10TG-123R3Z21LF
Description  PM6-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P10TG-123R3Z21LF Datasheet(HTML) 3 Page - PEAK electronics GmbH

  P10TG-123R3Z21LF Datasheet HTML 1Page - PEAK electronics GmbH P10TG-123R3Z21LF Datasheet HTML 2Page - PEAK electronics GmbH P10TG-123R3Z21LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PM6-Series – P10TG-xxxxE/Z2:1(H35)LF – Single and Dual Output – DIP24 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 3/3
Package / Pinning / Derating
#
SINGLE
DUAL
SINGLE 3.5KV DUAL 3.5KV
1
+Vin
+Vin
Omitted
Omitted
2
N.C.
- Vout
- Vin
- Vin
3
N.C.
Common - Vin
- Vin
9
Omitted Omitted
Omitted
Common
10
- Vout
Common Omitted
Omitted
11
+Vout
+Vout
N.C.
- Vout
12
- Vin
- Vin
Omitted
Omitted
13
- Vin
- Vin
Omitted
Omitted
14
+Vout
+Vout
+Vout
+Vout
15
- Vout
Common Omitted
Omitted
16
Omitted Omitted
- Vout
Common
22
N.C.
Common +Vin
+Vin
23
N.C.
- Vout
+Vin
+Vin
24
+Vin
+Vin
Omitted
Omitted
others
PIN CONNECTIONS
Omitted
App Notes:
¹ = Measured Input reflected ripple current with a simulated source inductance of 12uH.
² = Tested by nominal Vin and constant resistive load.


Similar Part No. - P10TG-123R3Z21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10TG-123R3Z2:1MLF PEAK-P10TG-123R3Z2:1MLF Datasheet
143Kb / 3P
   2:1 Wide Input
More results

Similar Description - P10TG-123R3Z21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P8TG PEAK-P8TG_14 Datasheet
131Kb / 3P
   PM6-SERIES
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com