Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10TG-4812E21LF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P10TG-4812E21LF
Description  PM6-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P10TG-4812E21LF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P10TG-4812E21LF Datasheet HTML 1Page - PEAK electronics GmbH P10TG-4812E21LF Datasheet HTML 2Page - PEAK electronics GmbH P10TG-4812E21LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PM6-Series – P10TG-xxxxE/Z2:1(H35)LF – Single and Dual Output – DIP24 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Single/Dual Output
Order #
Inpu
t Vo
ltag
e (V
DC)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Volt
age
(VD
C)
Out
put
Cur
rent
Min
. Lo
ad (
mA
)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF)
²
SINGLE OUTPUT
P10TG-123R3E2:1LF
9-18
30
223
3.3
0
600
74
680
P10TG-1205E2:1LF
9-18
30
222
5
0
400
75
680
P10TG-1209E2:1LF
9-18
30
219
9
0
222
76
330
P10TG-1212E2:1LF
9-18
30
219
12
0
167
76
220
P10TG-1215E2:1LF
9-18
30
219
15
0
133
76
100
P10TG-1224E2:1LF
9-18
30
219
24
0
83
76
33
P10TG-243R3E2:1LF
18-36
20
109
3.3
0
600
76
680
P10TG-2405E2:1LF
18-36
20
107
5
0
400
78
680
P10TG-2409E2:1LF
18-36
20
107
9
0
222
78
330
P10TG-2412E2:1LF
18-36
20
107
12
0
167
78
220
P10TG-2415E2:1LF
18-36
20
107
15
0
133
78
100
P10TG-2424E2:1LF
18-36
20
107
24
0
83
78
33
P10TG-483R3E2:1LF
36-72
12
56
3.3
0
600
74
680
P10TG-4805E2:1LF
36-72
12
56
5
0
400
75
680
P10TG-4809E2:1LF
36-72
12
56
9
0
222
75
330
P10TG-4812E2:1LF
36-72
12
56
12
0
167
75
220
P10TG-4815E2:1LF
36-72
12
56
15
0
133
75
100
P10TG-4824E2:1LF
36-72
12
56
24
0
83
75
33
DUAL OUTPUT
P10TG-123R3Z2:1LF
9-18
30
229
± 3.3
0
± 300
72
± 330
P10TG-1205Z2:1LF
9-18
30
219
± 5
0
± 200
75
± 330
P10TG-1209Z2:1LF
9-18
30
219
± 9
0
± 111
76
± 100
P10TG-1212Z2:1LF
9-18
30
219
± 12
0
± 83
76
± 47
P10TG-1215Z2:1LF
9-18
30
219
± 15
0
± 67
76
± 33
P10TG-1224Z2:1LF
9-18
30
219
± 24
0
± 42
76
± 22
P10TG-243R3Z2:1LF
18-36
20
112
± 3.3
0
± 300
74
± 330
P10TG-2405Z2:1LF
18-36
20
109
± 5
0
± 200
76
± 330
P10TG-2409Z2:1LF
18-36
20
107
± 9
0
± 111
78
± 100
P10TG-2412Z2:1LF
18-36
20
107
± 12
0
± 83
78
± 47
P10TG-2415Z2:1LF
18-36
20
107
± 15
0
± 67
78
± 33
P10TG-2424Z2:1LF
18-36
20
107
± 24
0
± 42
78
± 22
P10TG-483R3Z2:1LF
36-72
12
56
± 3.3
0
± 300
74
± 330
P10TG-4805Z2:1LF
36-72
12
56
± 5
0
± 200
75
± 330
P10TG-4809Z2:1LF
36-72
12
56
± 9
0
± 111
75
± 100
P10TG-4812Z2:1LF
36-72
12
56
± 12
0
± 83
75
± 47
P10TG-4815Z2:1LF
36-72
12
56
± 15
0
± 67
75
± 33
P10TG-4824Z2:1LF
36-72
12
56
± 24
0
± 42
75
± 22
If you need other specifications, please enquire.
* For optional 3.5kV DC I/O Isolation, please add “H35” before LF!
Example: P10TG-1205Z2:1H35LF for 3.5kV


Similar Part No. - P10TG-4812E21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10TG-4812E21 PEAK-P10TG-4812E21 Datasheet
214Kb / 2P
   1.5 KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP24
P10TG-4812E21H35 PEAK-P10TG-4812E21H35 Datasheet
215Kb / 2P
   3.5 KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP24
P10TG-4812E21H35M PEAK-P10TG-4812E21H35M Datasheet
227Kb / 2P
   3.5 KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP24
P10TG-4812E21M PEAK-P10TG-4812E21M Datasheet
226Kb / 2P
   1.5 KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP24
More results

Similar Description - P10TG-4812E21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P8TG PEAK-P8TG_14 Datasheet
131Kb / 3P
   PM6-SERIES
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com