Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBM3960-1 Datasheet(PDF) 6 Page - Ericsson

Part # PBM3960-1
Description  Microstepping Controller/Dual Digital-to-Analog Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBM3960-1 Datasheet(HTML) 6 Page - Ericsson

Back Button PBM3960-1 Datasheet HTML 2Page - Ericsson PBM3960-1 Datasheet HTML 3Page - Ericsson PBM3960-1 Datasheet HTML 4Page - Ericsson PBM3960-1 Datasheet HTML 5Page - Ericsson PBM3960-1 Datasheet HTML 6Page - Ericsson PBM3960-1 Datasheet HTML 7Page - Ericsson PBM3960-1 Datasheet HTML 8Page - Ericsson PBM3960-1 Datasheet HTML 9Page - Ericsson PBM3960-1 Datasheet HTML 10Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PBM 3960/1
6
Where (L
62 … L42) is the level pro-
grammed in channel 2’s level register.
(D
6 … D0) and (Q62 … Q02) are the new
and old values of DA-Data2.
The two level registers, LEVEL1 and
LEVEL2, consist of three flip flops each
and they are compared against the
three most significant bits of the DA-
Data value, sign bit excluded.
DA
1 and DA2
These are the two outputs of DAC1 and
DAC2. Input to the DACs are internal
data bus (Q
61 … Q01) and (Q62 … Q02).
Reference Voltage V
Ref
V
Ref is the analog input for the two
DACs. Special care in layout, gives a
very low voltage drop from pin to
resistor. Any V
Ref between 0.0 V and VDD
can be applied, but output might be non-
linear above 3.0 V.
Power-on Reset
This function automatically resets all
internal flip flops at power-on. This
results in V
SS voltage at both DAC
outputs and all digital outputs.
Figure 10. Table showing how data is transfered inside PBM 3960/1.
Figure 9. Motor current dragging at high
step rates and current decay influence.
Fast current decay will make it possible
for the current to follow the ideal sine
curve. Output shown without sign shift.
Figure 8b. An example of accessible
positions with a given torque deviation/
fullstep. Note that 1:st
µstep sets highest
resolution. Data points are exaggerated
for illustration purpose.
TNom = code 127.
Where (D
6 … D0) is the new value being
sent to DA-Data1 and (Q
61 … Q01) is DA-
Data1’s old value. (L
61 … L41) are the
three bits for setting the current decay
level at LEVEL1.
The logic definition of CD
2 is analog to
CD
1:
CD
2 =
NOT{[(D
6 … D0) < (Q62 … Q02)]
AND[(D
6 …D4) < (L62 … L42)]}
Reset
If Reset is not used, leave it disconnec-
ted. Reset can be used to measure
leakage currents from V
DD.
Applications Information
How Many Microsteps?
The number of true microsteps that can
be obtained depends upon many
different variables, such as the number
of data bits in the Digital-to-Analog
converter, errors in the converter,
acceptable torque ripple, single- or
double-pulse programming, the motor’s
electrical, mechanical and magnetic
characteristics, etc. Many limits can be
found in the motor’s ability to perform
properly; overcome friction, repeatability,
torque linearity, etc. It is important to
realize that the number of current levels,
128 (27), is
not the number of steps
available. 128 is the number of current
levels (reference voltage levels)
available from each driver stage.
Combining a current level in one winding
with any of 128 other current levels in
the other winding will make up 128
current levels. So expanding this, it is
possible to get 16,384 (128 • 128)
combinations of different current levels in
the two windings. Remember that these
16,384 micro-positions are not all useful,
the torque will vary from 100% to 0%
and some of the options will make up the
same position. For instance, if the
current level in one winding is OFF (0%)
you can still vary the current in the other
winding in 128 levels. All of these
combinations will give you the same
position
but a varying torque.
Typical Application
The microstepper solution can be used
in a system with or without a micro-
processor.
Without a microprocessor, a counter
addresses a ROM where appropriate
step data is stored. Step and Direction
are the input signals which represent
clock and up / down of counter. This is
the ideal solution for a system where
there is no microprocessor or it is heavily
loaded with other tasks.
With a microprocessor, data is stored
in ROM / RAM area or each step is
successively calculated. PBM 3960/1 is
connected like any peripheral addressa-
ble device. All parts of stepping can be
tailored for specific damping needs etc.
T
[mNm]
1
T
[mNm]
2
max
T
nom
T
min
T
DA output [V]
t
Current dragging
Time
CD
CS
A0
A1
Data Transfer
0
0
0
D7 —> Sign1, (D6—D0) —> (Q61—Q01), New value —> CD1
0
0
1
(D6—D4) —> (L61—L41)
0
1
0
D7 —> Sign2, (D6—D0) —> (Q62—Q02), New value —> CD2
0
1
1
(D6—D4) —> (L62—L42)
1
X
X
No Transfer
I [mA]
1
I [mA]
2
I
Figure 8a. Assuming that torque is
proportional to the current in resp.
winding it is possible to draw figure 8b.


Similar Part No. - PBM3960-1

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PBM300 XPPOWER-PBM300 Datasheet
161Kb / 2P
   300 Watts PBM300 Series
PBM300PQ01-C XPPOWER-PBM300PQ01-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
PBM300PQ01-C XPPOWER-PBM300PQ01-C Datasheet
161Kb / 2P
   300 Watts PBM300 Series
PBM300PQ02-C XPPOWER-PBM300PQ02-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
PBM300PQ02-C XPPOWER-PBM300PQ02-C Datasheet
161Kb / 2P
   300 Watts PBM300 Series
More results

Similar Description - PBM3960-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9689 AD-AD9689 Datasheet
2Mb / 134P
   Dual Analog-to-Digital Converter
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
AD9691 AD-AD9691_17 Datasheet
1Mb / 73P
   Dual Analog-to-Digital Converter
AD9695 AD-AD9695 Datasheet
5Mb / 136P
   Dual Analog-to-Digital Converter
AD9640 AD-AD9640_17 Datasheet
1Mb / 54P
   1.8V Dual Analog-to-Digital Converter
logo
Texas Instruments
TMS57014A TI-TMS57014A Datasheet
227Kb / 16P
[Old version datasheet]   DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com