Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10RG-2415E41LF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P10RG-2415E41LF
Description  PMBW-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P10RG-2415E41LF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P10RG-2415E41LF Datasheet HTML 1Page - PEAK electronics GmbH P10RG-2415E41LF Datasheet HTML 2Page - PEAK electronics GmbH P10RG-2415E41LF Datasheet HTML 3Page - PEAK electronics GmbH P10RG-2415E41LF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PMBW-Series – P10RG-xxxxE/Z4:1LF – Single / Dual Output – SIP9 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/4
Selection Guide
Single/Dual Output
Order #
Inpu
t Vo
ltag
e (V
DC
)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Volt
age
(VD
C)
Out
put
Cur
ren
t Mi
n. L
oad
(mA
)
Out
put
Cur
ren
t Fu
ll Lo
ad (
mA
)
Effi
cien
cy (
%)
Cap
acit
or L
oad
(uF
SINGLE OUTPUT
P10RG-243R3E4:1LF
9-36
10
92
3.3
0
500
75
2200
P10RG-2405E4:1LF
9-36
10
103
5
0
400
81
1000
P10RG-2412E4:1LF
9-36
10
100
12
0
165
84
165
P10RG-2415E4:1LF
9-36
10
98
15
0
135
85
100
P10RG-483R3E4:1LF
18-72
5
46
3.3
0
500
75
2200
P10RG-4805E4:1LF
18-72
5
53
5
0
400
80
1000
P10RG-4812E4:1LF
18-72
5
50
12
0
165
84
165
P10RG-4815E4:1LF
18-72
5
50
15
0
135
84
100
Order #
Inpu
t Vo
ltag
e (V
DC)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Vol
tage
(VD
C)
Out
put
Cur
rent
Min
. Lo
ad (
mA
)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
DUAL OUTPUT
P10RG-2405Z4:1LF
9-36
10
103
± 5
0
± 200
81
± 470
P10RG-2412Z4:1LF
9-36
10
101
± 12
0
± 85
83
± 100
P10RG-2415Z4:1LF
9-36
15
102
± 15
0
± 65
82
± 47
P10RG-4805Z4:1LF
18-72
5
53
± 5
0
± 200
80
± 470
P10RG-4812Z4:1LF
18-72
5
52
± 12
0
± 85
81
± 100
P10RG-4815Z4:1LF
18-72
5
50
± 15
0
± 65
84
± 47
If you need other specifications, please enquire.


Similar Part No. - P10RG-2415E41LF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
P10R1021-F CDE-P10R1021-F Datasheet
162Kb / 3P
   Multilayer Ceramic Capacitors
P10R1021-F CDE-P10R1021-F Datasheet
162Kb / 3P
   Multilayer Ceramic Capacitors
P10R1021-F CDE-P10R1021-F Datasheet
189Kb / 4P
   Conformally coated, axial leaded
P10R1031-F CDE-P10R1031-F Datasheet
162Kb / 3P
   Multilayer Ceramic Capacitors
P10R1031-F CDE-P10R1031-F Datasheet
162Kb / 3P
   Multilayer Ceramic Capacitors
More results

Similar Description - P10RG-2415E41LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P14RG PEAK-P14RG_14 Datasheet
154Kb / 4P
   PMBW-SERIES
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com