Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10LU-0509ELF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P10LU-0509ELF
Description  PM3-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P10LU-0509ELF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P10LU-0509ELF Datasheet HTML 1Page - PEAK electronics GmbH P10LU-0509ELF Datasheet HTML 2Page - PEAK electronics GmbH P10LU-0509ELF Datasheet HTML 3Page - PEAK electronics GmbH P10LU-0509ELF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PM3-Series – P10LU-xxxxE/Z(Hxx)LF – Single and Dual Output – SIP7 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/4
Selection Guide
Single Output
Order #
Inpu
t Vo
ltag
e (V
DC)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Volt
age
(VD
C)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
SINGLE OUTPUT
P10LU-053R3ELF
5
30
367
3.3
400
72
470
P10LU-0505ELF
5
30
512
5
400
78
470
P10LU-057R2ELF
5
30
500
7.2
277.7
80
470
P10LU-0509ELF
5
30
500
9
222.2
80
470
P10LU-0512ELF
5
30
487
12
166.7
82
470
P10LU-0515ELF
5
30
487
15
133.3
82
470
P10LU-0518ELF
5
30
487
18
111.1
82
470
P10LU-0524ELF
5
30
487
24
83.3
82
470
P10LU-123R3ELF
12
36
169
3.3
400
65
470
P10LU-1205ELF
12
20
216
5
400
77
470
P10LU-127R2ELF
12
20
208
7.2
277.7
80
470
P10LU-1209ELF
12
20
208
9
222.2
80
470
P10LU-1212ELF
12
20
203
12
166.7
82
470
P10LU-1215ELF
12
20
203
15
133.3
82
470
P10LU-1218ELF
12
20
208
18
111.1
80
470
P10LU-1224ELF
12
20
208
24
83.3
80
470
P10LU-243R3ELF
24
10
76
3.3
400
72
470
P10LU-2405ELF
24
10
105
5
400
79
470
P10LU-247R2ELF
24
10
104
7.2
277.7
80
470
P10LU-2409ELF
24
10
104
9
222.2
80
470
P10LU-2412ELF
24
10
102
12
166.7
80
470
P10LU-2415ELF
24
10
101
15
133.3
82
470
P10LU-2418ELF
24
10
101
18
111.1
82
470
P10LU-2424ELF
24
10
104
24
83.3
80
470
P10LU-483R3ELF
48
6
45
3.3
400
60
470
P10LU-4805ELF
48
6
54
5
400
77
470
P10LU-487R2ELF
48
6
54
7.2
277.7
77
470
P10LU-4809ELF
48
6
54
9
222.2
77
470
P10LU-4812ELF
48
6
53
12
166.7
78
470
P10LU-4815ELF
48
6
53
15
133.3
78
470
P10LU-4818ELF
48
6
53
18
111.1
78
470
P10LU-4824ELF
48
6
55
24
83.3
75
470
If you need other specifications, please enquire.
*OPTIONS:
H40 = 4000 VDC ISOLATION
H52 = 5200 VDC ISOLATION
H60 = 6000 VDC ISOLATION
For other I/O Isolation please see
table on the left hand side and add
“Hxx” before LF
(P10LU-2412EH60LF for 6KV)


Similar Part No. - P10LU-0509ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10LU-0505E PEAK-P10LU-0505E Datasheet
225Kb / 2P
   3KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP7
P10LU-0505Z PEAK-P10LU-0505Z Datasheet
233Kb / 2P
   3KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
More results

Similar Description - P10LU-0509ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10MU PEAK-P10MU_14 Datasheet
154Kb / 4P
   PM3-SERIES
P10CUI PEAK-P10CUI_14 Datasheet
140Kb / 3P
   PM3-SERIES
P10DU PEAK-P10DU_14 Datasheet
140Kb / 4P
   PM3-SERIES
P10CU PEAK-P10CU_14 Datasheet
150Kb / 4P
   PM3-SERIES
P10DUI PEAK-P10DUI_14 Datasheet
130Kb / 3P
   PM3-SERIES
logo
Microchip Technology
AC164301 MICROCHIP-AC164301 Datasheet
3Mb / 2P
   MPLAB PM3 Universal Device Programmer
9/1/03
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com