Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D15XB60H Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D15XB60H
Description  Bridge Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D15XB60H Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D15XB60H Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D15XB60H Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D15XB60H Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D15XB60H Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bridge Diode
■外観図 OUTLINE
外形図については新電元 Web サイト又は〈半導体製品一覧表〉をご参照下
さい。捺印表示については捺印仕様をご確認下さい。
For details of outline dimensions, refer to our web site or the Semiconductor
Short Form Catalog. As for the marking, refer to the specification “Marking,
Terminal Connection”.
(J534-1)
102
D15XB60H
600V 15A
• 薄型 SIP パッケージ
• UL E142422
• 大電流容量
• 高耐圧・高 IFSM
• 高放熱伝導性
• Thin-SIP
• UL E142422
• Large Io
• High Voltage・Large IFSM
• High Thermal Radiation
Feature
シングルインライン型
Single In-line Package
Unit : mm
Weight : 7.1g(typ.)
■定格表 RATINGS
D15XB60H
単位
Unit
−40∼150
MAX
1.05
MAX
10
MAX
1.5
MAX
5
MAX
22
V
A
A
A2s
k
V
N・m
V
μA
℃/W
■定格表 RATINGS
●絶対最大定格 Absolute Maximum Ratings(指定のない場合 Tc=25℃/unless otherwise specified
項  目
Item
記号
Symbol
条 件
Conditions
品 名
Type No.
保存温度
Storage Temperature
接合部温度
Operation Junction Temperature
せん頭逆電圧
Maximum Reverse Voltage
出力電流
Average Rectified Forward Current
せん頭サージ順電流
Peak Surge Forward Current
電流二乗時間積
Current Squared Time
絶縁耐圧
Dielectric Strength
締め付けトルク
Mounting Torque
順電圧
Forward Voltage
逆電流
Reverse Current
熱抵抗
Thermal Resistance
Tstg
Tj
VRM
IO
IFSM
I2t
Vdis
TOR
VF
IR
θjc
θjl
θja
フィン付き
With heatsink
フィンなし
Without heatsink
パルス測定,1素子当たりの規格値
Pulse measurement, per diode
パルス測定,1素子当たりの規格値
Pulse measurement, per diode
接合部・ケース間,フィン付き
Junction to Case, With heatsink
接合部・リード間,フィンなし
Junction to Lead, Without heatsink
接合部・周囲間,フィンなし
Junction to Ambient, Without heatsink
IF=7.5A,
VR=VRM,
●電気的・熱的特性 Electrical Characteristics(指定のない場合 Tc=25℃/unless otherwise specified
50Hz 正弦波,抵抗負荷
50Hz sine wave,
Resistance load
Tc = 107℃
Ta = 25℃
50Hz 正弦波,非繰り返し1サイクルせん頭値, Tj = 25℃
50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25℃
1ms≦t<10ms,Tj = 25℃,
一括端子・ケース間,AC1分間印加
Terminals to Case, AC 1 minute
(推奨値:0.5 N・m)
(Recommended torque : 0.5 N・m)
150
600
15
3.5
240
200
2.5
0.8
1素子当たりの規格値
per diode
Package
:5S
∼ ∼
4.6
+
D15XB 60H 0264
管理番号(例)
Control No.
品名
Type No.
30
20
17.5
ロット記号(例)
Date code
特 長


Similar Part No. - D15XB60H

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D15XB60 SHINDENGEN-D15XB60 Datasheet
303Kb / 6P
   General Purpose Rectifiers(600V 15A)
logo
Zibo Seno Electronic En...
D15XB60 ZSELEC-D15XB60 Datasheet
43Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
D15XB60 EIC-D15XB60 Datasheet
137Kb / 2P
   SILICON BRIDGE RECTIFIER
Rev. 00 : August 22, 2007
logo
Shindengen Electric Mfg...
D15XB60 SHINDENGEN-D15XB60_17 Datasheet
434Kb / 4P
   Single In-line Package
More results

Similar Description - D15XB60H

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D50JCB80V SHINDENGEN-D50JCB80V Datasheet
168Kb / 4P
   Bridge Diode
LL25XB60 SHINDENGEN-LL25XB60 Datasheet
131Kb / 2P
   Bridge Diode
logo
Clare, Inc.
CPC7557 CLARE-CPC7557 Datasheet
427Kb / 5P
   Diode Bridge
logo
Shindengen Electric Mfg...
D75JFT80V SHINDENGEN-D75JFT80V Datasheet
822Kb / 4P
   Bridge Diode
S1NB60 SHINDENGEN-S1NB60_17 Datasheet
304Kb / 4P
   Bridge Diode
S1WBA60 SHINDENGEN-S1WBA60_17 Datasheet
328Kb / 4P
   Bridge Diode
S1WBA60B SHINDENGEN-S1WBA60B Datasheet
328Kb / 4P
   Bridge Diode
S50VB60 SHINDENGEN-S50VB60_17 Datasheet
421Kb / 4P
   Bridge Diode
S1ZB60 SHINDENGEN-S1ZB60_17 Datasheet
361Kb / 4P
   Bridge Diode
S1NBB80 SHINDENGEN-S1NBB80 Datasheet
335Kb / 4P
   Bridge Diode
D6JBB60V SHINDENGEN-D6JBB60V Datasheet
198Kb / 4P
   Bridge Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com