Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL388141SOT Datasheet(PDF) 11 Page - Ericsson

Part # PBL388141SOT
Description  Voice - switched 2-channel Circuit with loudspeaker amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL388141SOT Datasheet(HTML) 11 Page - Ericsson

Back Button PBL388141SOT Datasheet HTML 6Page - Ericsson PBL388141SOT Datasheet HTML 7Page - Ericsson PBL388141SOT Datasheet HTML 8Page - Ericsson PBL388141SOT Datasheet HTML 9Page - Ericsson PBL388141SOT Datasheet HTML 10Page - Ericsson PBL388141SOT Datasheet HTML 11Page - Ericsson PBL388141SOT Datasheet HTML 12Page - Ericsson PBL388141SOT Datasheet HTML 13Page - Ericsson PBL388141SOT Datasheet HTML 14Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
PBL 388 14
Figure 18. Application with ac. volume control.
Control
F2
F3
F6
F5
F1
PBL 388 14
F4
50
LOUDSPEAKER
+
18
4
24
16
1
2
8
6
9
10
13
14
12
11
23
17
+
21
22
+
+
+
+
5
3
15
19
7
20
Tx
signal
Rx
signal
+ supply
0 V
+
MIC.
15nF
100nF
47k
50k
1
µF
33nF
4.7nF
100nF
2.2
µF/6V
100
µF
6 V
470 k
150nF
6.8nF
2.2
µF/6V
100
µF
16 V
220nF
820
150nF
68nF
820
68nF
68nF
100
µF
6 V
Ref.
Figure 19. External power amplifier
The power amplifier feedback loop can
be broken (pinns 19 and 20) thus making it
possble to insert external power transistors
to increase the audio output power. This
enables with external power supply an out-
put power of several watts fed into 4 - 16 ohm
loudspeaker. See. fig. 19.
22
+
4 - 15 V
4
19
1000
µF
15n
10
15n
BD131
BD132
PBL
388 14
20
+
+
-


Similar Part No. - PBL388141SOT

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38812 ERICSSON-PBL38812 Datasheet
133Kb / 10P
   Voice-switch circuit for Handsfree speakerphone TAM
PBL388121SO ERICSSON-PBL388121SO Datasheet
133Kb / 10P
   Voice-switch circuit for Handsfree speakerphone TAM
PBL388121SOT ERICSSON-PBL388121SOT Datasheet
133Kb / 10P
   Voice-switch circuit for Handsfree speakerphone TAM
PBL38813 ERICSSON-PBL38813 Datasheet
299Kb / 16P
   Voice-switched Speakerphone Circuit with built in loudspeaker amplifier
PBL388131N ERICSSON-PBL388131N Datasheet
299Kb / 16P
   Voice-switched Speakerphone Circuit with built in loudspeaker amplifier
More results

Similar Description - PBL388141SOT

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38813 ERICSSON-PBL38813 Datasheet
299Kb / 16P
   Voice-switched Speakerphone Circuit with built in loudspeaker amplifier
logo
New Japan Radio
NJW1128 NJRC-NJW1128 Datasheet
257Kb / 13P
   Voice Switched Speakerphone Circuit with Speaker Amplifier
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com