Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D8JBB60V Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D8JBB60V
Description  Bridge Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D8JBB60V Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D8JBB60V Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D8JBB60V Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D8JBB60V Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd D8JBB60V Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
外形図については新電元Webサイトをご参照下さい。捺印表示については捺
印仕様をご確認下さい。
Fordet
ai
l
soft
heout
l
i
nedi
mensi
ons,r
ef
ert
oourweb si
t
e.Asf
ort
he
mar
ki
ng,r
ef
ert
ot
hespeci
f
i
cat
i
on"Mar
ki
ng,Ter
mi
nalConnect
i
on".
www.
s
hi
ndengen.
co.
j
p/
pr
oduct
/
s
emi
/
Uni
t
:mm
D8JBB60V
600V8A
SI
P
■外観図 OUTLI
NE
Package:JB
①②
25.0
4.2
∼∼
7.5
7.5
7.5
①②
D8JB 60
Type No.
品名略号
Date code
ロット記号(例)
Control No.
管理番号(例)
0000
単位
Uni
t
規格値
Rat
i
ngs
条 件
Condi
t
i
ons
記号
Symbol
I
t
em
-55~150
Tstg
保存温度
St
or
ageTemper
at
ur
e
150
Tj
接合部温度
Oper
at
i
onJunct
i
onTemper
at
ur
e
V
600
VRM
せん頭逆電圧
Maxi
mum Rever
seVol
t
age
A
8
Tc=130℃
フィン付き
Wi
t
hheat
si
nk
50Hz正弦波,抵抗負荷
50Hzsi
newave,Resi
st
ancel
oad
Io
出力電流
Aver
ageRect
i
f
i
edFor
war
dCur
r
ent
1.
8
Ta=25℃
フィンなし
Wi
t
houtheat
si
nk
A
130
50Hz正弦波,非繰り返し1サイクルせん頭値,Tj=25℃
50Hzsi
newave,Non-
r
epet
i
t
i
ve1cycl
epeakval
ue,Tj
=25˚
C
IFSM
せん頭サージ順電流
PeakSur
geFor
war
dCur
r
ent
280
tp=1ms,Tj=25℃,非繰り返し
t
p=1ms,Tj
=25˚
C,Non-
r
epet
i
t
i
ve
IFSM1
kV
2
一括端子・ケース間,AC1分間印加
Ter
mi
nal
st
ocase,AC1mi
nut
e
Vdi
s
絶縁耐圧
Di
el
ect
r
i
cSt
r
engt
h
N・m
0.
8
(推奨値:0.
5N・m)
(
Recommendedt
or
que:0.
5N
・m)
TOR
締め付けトルク
Mount
i
ngTor
que
■定格表 RATI
NGS
●絶対最大定格 Absol
ut
eMaxi
mum Rat
i
ngs
指定のない場合 Tc=25℃)
V
MAX
1.
05
パルス測定,1素子当りの規格値
Pul
semeasur
ement
,Perdi
ode
IF=4A,
VF
順電圧
For
war
dVol
t
age
μA
MAX
10
パルス測定,1素子当りの規格値
Pul
semeasur
ement
,Perdi
ode
VR=VRM,
IR
逆電流
Rever
seCur
r
ent
℃/W
MAX
1.
2
接合部・ケース間,フィン付き
Junct
i
ont
ocase,wi
t
hheat
si
nk
θjc
熱抵抗
Ther
malResi
st
ance
MAX
6.
5
接合部・リード間,フィンなし
Junct
i
ont
ol
ead,wi
t
houtheat
si
nk
θjl
MAX
40
接合部・周囲間,フィンなし
Junct
i
ont
oambi
ent
,wi
t
houtheat
si
nk
θja
*θjc規格について表面検出(別紙ディレーティングカーブ参照)
*θj
ci
ssubj
ectt
osur
f
acedet
ect
i
on(
Ref
ert
oder
at
i
ngcur
veont
hesepar
at
esheet
)
●電気的・熱的特性 El
ect
r
i
calChar
act
er
i
st
i
cs
指定のない場合 Tc=25℃)
Br
i
dgeDi
ode
J534-P2011.2〉)
特長
高耐圧
低背タイプ
UL142422
Feat
ur
e
Hi
ghVol
t
age
LowHei
ght
UL142422
Title:diode-A.ec9 Page:8
Date: 2011/02/17 Thu 14:01:25


Similar Part No. - D8JBB60V

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D8JBB80V SHINDENGEN-D8JBB80V Datasheet
198Kb / 4P
   Bridge Diode
More results

Similar Description - D8JBB60V

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D50JCB80V SHINDENGEN-D50JCB80V Datasheet
168Kb / 4P
   Bridge Diode
LL25XB60 SHINDENGEN-LL25XB60 Datasheet
131Kb / 2P
   Bridge Diode
logo
Clare, Inc.
CPC7557 CLARE-CPC7557 Datasheet
427Kb / 5P
   Diode Bridge
logo
Shindengen Electric Mfg...
D75JFT80V SHINDENGEN-D75JFT80V Datasheet
822Kb / 4P
   Bridge Diode
S1NB60 SHINDENGEN-S1NB60_17 Datasheet
304Kb / 4P
   Bridge Diode
S1WBA60 SHINDENGEN-S1WBA60_17 Datasheet
328Kb / 4P
   Bridge Diode
S1WBA60B SHINDENGEN-S1WBA60B Datasheet
328Kb / 4P
   Bridge Diode
S50VB60 SHINDENGEN-S50VB60_17 Datasheet
421Kb / 4P
   Bridge Diode
S1ZB60 SHINDENGEN-S1ZB60_17 Datasheet
361Kb / 4P
   Bridge Diode
S1NBB80 SHINDENGEN-S1NBB80 Datasheet
335Kb / 4P
   Bridge Diode
D6JBB60V SHINDENGEN-D6JBB60V Datasheet
198Kb / 4P
   Bridge Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com