Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQU2N100TU Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQU2N100TU
Description  N-Channel QFET짰 MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU2N100TU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQU2N100TU Datasheet HTML 1Page - Fairchild Semiconductor FQU2N100TU Datasheet HTML 2Page - Fairchild Semiconductor FQU2N100TU Datasheet HTML 3Page - Fairchild Semiconductor FQU2N100TU Datasheet HTML 4Page - Fairchild Semiconductor FQU2N100TU Datasheet HTML 5Page - Fairchild Semiconductor FQU2N100TU Datasheet HTML 6Page - Fairchild Semiconductor FQU2N100TU Datasheet HTML 7Page - Fairchild Semiconductor FQU2N100TU Datasheet HTML 8Page - Fairchild Semiconductor FQU2N100TU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FQD2N100
FQD2N100TM
DPAK
FQU2N100
FQU2N100TU
IPAK
-
330 mm
16 mm
-
2500
70
(Note 4)
(Note 4)
Electrical Characteristics T
C = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 120mH, IAS = 1.6A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 2.0A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
1000
--
--
V
∆BVDSS
/
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.976
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 1000 V, VGS = 0 V
--
--
10
µA
VDS = 800 V, TC = 125°C
--
--
100
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 0.8 A
--
7.1
9
gFS
Forward Transconductance
VDS = 50 V, ID = 0.8 A
--
1.9
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
400
520
pF
Coss
Output Capacitance
--
40
52
pF
Crss
Reverse Transfer Capacitance
--
5
6.5
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 500 V, ID = 2.0 A,
RG = 25 Ω
--
13
35
ns
tr
Turn-On Rise Time
--
30
70
ns
td(off)
Turn-Off Delay Time
--
25
60
ns
tf
Turn-Off Fall Time
--
35
80
ns
Qg
Total Gate Charge
VDS = 800 V, ID = 2.0 A,
VGS = 10 V
--
12
15.5
nC
Qgs
Gate-Source Charge
--
2.5
--
nC
Qgd
Gate-Drain Charge
--
6.5
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
1.5
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
6.0
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 1.6 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 2.0 A,
dIF / dt = 100 A/µs
--
520
--
ns
Qrr
Reverse Recovery Charge
--
2.3
--
µC
www.fairchildsemi.com
©2004 Fairchild Semiconductor Corporation
FQD2N100 / FQU2N100 Rev. C0


Similar Part No. - FQU2N100TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU2N100 FAIRCHILD-FQU2N100 Datasheet
622Kb / 9P
   1000V N-Channel MOSFET
FQU2N100 FAIRCHILD-FQU2N100 Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQU2N100 ISC-FQU2N100 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQU2N100TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU13N06LTU FAIRCHILD-FQU13N06LTU Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET
FQD2N60CTM FAIRCHILD-FQD2N60CTM Datasheet
742Kb / 9P
   N-Channel QFET짰 MOSFET
FQD7N20LTM FAIRCHILD-FQD7N20LTM Datasheet
762Kb / 8P
   N-Channel QFET짰 MOSFET
FQT4N25TF FAIRCHILD-FQT4N25TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD2N60CTF FAIRCHILD-FQD2N60CTF Datasheet
748Kb / 9P
   N-Channel QFET짰 MOSFET
FQD7N10LTM FAIRCHILD-FQD7N10LTM Datasheet
539Kb / 8P
   N-Channel QFET짰 MOSFET
FQS4901TF FAIRCHILD-FQS4901TF Datasheet
666Kb / 8P
   N-Channel QFET짰 MOSFET
FQD2N90TM FAIRCHILD-FQD2N90TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET
FQB30N06LTM FAIRCHILD-FQB30N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com