Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQU2N100TU Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FQU2N100TU
Description  N-Channel QFET짰 MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU2N100TU Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FQU2N100TU Datasheet HTML 1Page - Fairchild Semiconductor FQU2N100TU Datasheet HTML 2Page - Fairchild Semiconductor FQU2N100TU Datasheet HTML 3Page - Fairchild Semiconductor FQU2N100TU Datasheet HTML 4Page - Fairchild Semiconductor FQU2N100TU Datasheet HTML 5Page - Fairchild Semiconductor FQU2N100TU Datasheet HTML 6Page - Fairchild Semiconductor FQU2N100TU Datasheet HTML 7Page - Fairchild Semiconductor FQU2N100TU Datasheet HTML 8Page - Fairchild Semiconductor FQU2N100TU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Mechanical Dimensions
Dimension in Millimeters
TO-251 3L (IPAK)
Figure
17. TO-251 (I-PAK) Molded, 3 Lead Option AA
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TT251-003
8
©2004 Fairchild Semiconductor Corporation
FQD2N100 / FQU2N100 Rev. C0
www.fairchildsemi.com


Similar Part No. - FQU2N100TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU2N100 FAIRCHILD-FQU2N100 Datasheet
622Kb / 9P
   1000V N-Channel MOSFET
FQU2N100 FAIRCHILD-FQU2N100 Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQU2N100 ISC-FQU2N100 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQU2N100TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU13N06LTU FAIRCHILD-FQU13N06LTU Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET
FQD2N60CTM FAIRCHILD-FQD2N60CTM Datasheet
742Kb / 9P
   N-Channel QFET짰 MOSFET
FQD7N20LTM FAIRCHILD-FQD7N20LTM Datasheet
762Kb / 8P
   N-Channel QFET짰 MOSFET
FQT4N25TF FAIRCHILD-FQT4N25TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD2N60CTF FAIRCHILD-FQD2N60CTF Datasheet
748Kb / 9P
   N-Channel QFET짰 MOSFET
FQD7N10LTM FAIRCHILD-FQD7N10LTM Datasheet
539Kb / 8P
   N-Channel QFET짰 MOSFET
FQS4901TF FAIRCHILD-FQS4901TF Datasheet
666Kb / 8P
   N-Channel QFET짰 MOSFET
FQD2N90TM FAIRCHILD-FQD2N90TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET
FQB30N06LTM FAIRCHILD-FQB30N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com