Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL386502QNT Datasheet(PDF) 1 Page - Ericsson

Part # PBL386502QNT
Description  Subscriber Line Interface Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386502QNT Datasheet(HTML) 1 Page - Ericsson

  PBL386502QNT Datasheet HTML 1Page - Ericsson PBL386502QNT Datasheet HTML 2Page - Ericsson PBL386502QNT Datasheet HTML 3Page - Ericsson PBL386502QNT Datasheet HTML 4Page - Ericsson PBL386502QNT Datasheet HTML 5Page - Ericsson PBL386502QNT Datasheet HTML 6Page - Ericsson PBL386502QNT Datasheet HTML 7Page - Ericsson PBL386502QNT Datasheet HTML 8Page - Ericsson PBL386502QNT Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Description
The PBL 386 50/2 Subscriber Line Interface Circuit (SLIC) is a 90 V bipolar integrated
circuit for use in Central Office Metering applications and other telecommunications
equipment. The PBL 386 50/2 has been optimized for low total line interface cost and
a high degree of flexibility in different applications.
The PBL 386 50/2 emulates resistive loop feed, programmable between 2x50
and 2x900
Ω, with short loop current limiting adjustable to max 45 mA. In the current
limited region the loop feed is nearly constant current with a slight slope
corresponding to 2x30k
Ω.
A second, lower battery voltage may be connected to the device to reduce short
loop power dissipation. The SLIC automatically switches between the two battery
supply voltages without need for external components or external control.
The SLIC incorporates loop current, ground key and ring trip detection functions.
The PBL 386 50/2 is compatible with both loop and ground start signaling.
Two- to four-wire and four- to two-wire voice frequency (VF) signal conversion is
accomplished by the SLIC in conjunction with either a conventional CODEC/filter or
with a programmable CODEC/filter, e.g. SLAC, SiCoFi, Combo II. The programmable
two-wire impedance, complex or real, is set by a simple external network.
Longitudinal voltages are suppressed by a feedback loop in the SLIC and the
longitudinal balance specifications meet Bellcore TR909 requirements.
The PBL 386 50/2 package options are 24-pin SSOP, 24-pin SOIC or 28-pin PLCC.
Figure 1. Block diagram.
June 1999
PBL 386 50/2
Subscriber Line
Interface Circuit
Key Features
• 24-pin SSOP package
• Programmable two-wire signal
headroom for 2.2 V
rms metering
• High and low battery with automatic
switching
• Only +5 V feed in addition to battery
• Selectable transmit gain (0.5x or 0.25x)
• 70 mW on-hook power dissipation in
active state
• On-hook transmission
• Long loop battery feed tracks Vbat for
maximum line voltage
• No power-up sequence
• 43V open loop voltage @
-48V battery feed
• Constant loop voltage for line leakage
<5 mA (RLeak ~ >10 k
Ω @ -48V)
• Full longitudinal current capability
during on-hook state
• Analog over temperature protection
permits transmission while the
protection circuit is active
• Line voltage measurement
• Polarity reversal
• Ground key detector
• Tip open state with ring ground
detector
24-pin SOIC, 24-pin SSOP, 28-pin PLCC
1
RRLY
C1
C2
C3
DET
PSG
REF
LP
PLD
PLC
VTX
RSN
PTG
BGND
AGND
VBAT
VBAT2
VCC
HP
RINGX
TIPX
DR
DT
Ring Relay
Driver
Input
Decoder
and
Control
Ring Trip
Comparator
Ground Key
Detector
Line Feed
Controller
and
Longitudinal
Signal
Suppression
Off-hook
Detector
VF Signal
Transmission
Two-wire
Interface
POV
PBL
386
50/2


Similar Part No. - PBL386502QNT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PBL38650 INFINEON-PBL38650 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results

Similar Description - PBL386502QNT

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com