Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL38814 Datasheet(PDF) 9 Page - Ericsson

Part # PBL38814
Description  Voice - switched 2-channel Circuit with loudspeaker amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL38814 Datasheet(HTML) 9 Page - Ericsson

Back Button PBL38814 Datasheet HTML 5Page - Ericsson PBL38814 Datasheet HTML 6Page - Ericsson PBL38814 Datasheet HTML 7Page - Ericsson PBL38814 Datasheet HTML 8Page - Ericsson PBL38814 Datasheet HTML 9Page - Ericsson PBL38814 Datasheet HTML 10Page - Ericsson PBL38814 Datasheet HTML 11Page - Ericsson PBL38814 Datasheet HTML 12Page - Ericsson PBL38814 Datasheet HTML 13Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
PBL 388 14
Control
F2
F3
F5
F4
F1
PBL 388 14
Power amplifier
input
P1
C
12
17
15
14
C
C
C
8
6
10
CMP
R5
C2
C1
C3
C4
+
Transmitter
channel output
C
CTR
24
4
16
+
5
3
1
2
+DC
R
+ C
R
C
R
C
C
C
+
GND
Receiver
channel input
+Rx in
+
N Det
Tx
Det
Rx
Det
Rxout
+
Txout
Tx in
+
Mic.
F6
Tx in
Rx in
13
11
Ref.
+
+
9
7
Ref.
decreases with factor of 10, thus increasing
the detectors dynamic range. See fig.8.
Background Noise Detector
The general function of the backgro-
und noise detector in the transmitting
channel is to create a positive signal ( in
respect to the internal reference) so that,
when coupled to the summing point at the
CMP input, will counteract the continuous
type signal from the transmitter
level
detector representing the actual sound
pressure
level at the microphone. This
counteracts the noise from influencing the
switching characteristics. The input signal
to the back ground noise level detector is
taken from the output of the transmitter
detector, a voltage representing the
envelope of the amplified microphone sig-
nal. The detector inverts and amplifies this
signal 2 x (transmitting mode) and has on
it´s output a RC network consisting of an
internal resistor of 100k and an external
capacitor C4. The voltage across C4 is
connected to the CMP input (summing point)
via a resistor R5. The extent to which the
NDet output will influence the potential at
CMP input is set by the gain of the detector,
the maximum swing and R5. If a continuous
input signal is received from the microphone
( > 10sec.) the voltage across C4 is pulled
positive (relative to the reference) with a
time constant set by C4 to e.g. 5 sec. A
continuous input signal is thus treated as
noise. Since the output of the noise detector
is going negative it thereby counteracts the
signal from the transmitter detector and
thus helping the receiver detector signal to
maintain a set relation to the transmitter
detector signal. If
the transmitter input
signal contains breaks like breath pauses
the voltage at TxDetout decreases. If the
voltage across C3 gets less than the inverted
voltage across C4 divided by the detector
gain a rapid charge of C4 towards reference
will follow
(all levels referred to the
reference). If the breaks are frequent as in
speech the background detector will not
influence the switching characteristic of the
system. See fig. 9. There is a threshold of
approx. 50mV at TxDetout to prevent the
CTR Input
For full speech control (50dB
attenuation between the channels) this in-
put can be left unconnected. To set the
function to 25dB attenuation the input has
to be higher than 600mV below V+. See
figure 15. To set the circuit into a mute state
(results in, reduced gain in receiver channel
for the DTMF confidence tone in the
loudspeaker and closed transmitter
channel) a voltage below Vref has to be
connected to the input. By lowering the
voltage at the input below 0.9V a condition
will emerge where both receiver and trans-
mitter channels are closed. See fig. 13.
Figure 14. Speech switching arrangement.
activation of background noise detection in
noiseless environment. In the receiver mode
some of the loudspeaker output signal will
be sensed by the microphone. In order not
to treat this input signal as noise, the noise
detector goes into a hold state and
”remembers” the level from the previous
transmitting mode periode.


Similar Part No. - PBL38814

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38812 ERICSSON-PBL38812 Datasheet
133Kb / 10P
   Voice-switch circuit for Handsfree speakerphone TAM
PBL388121SO ERICSSON-PBL388121SO Datasheet
133Kb / 10P
   Voice-switch circuit for Handsfree speakerphone TAM
PBL388121SOT ERICSSON-PBL388121SOT Datasheet
133Kb / 10P
   Voice-switch circuit for Handsfree speakerphone TAM
PBL38813 ERICSSON-PBL38813 Datasheet
299Kb / 16P
   Voice-switched Speakerphone Circuit with built in loudspeaker amplifier
PBL388131N ERICSSON-PBL388131N Datasheet
299Kb / 16P
   Voice-switched Speakerphone Circuit with built in loudspeaker amplifier
More results

Similar Description - PBL38814

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38813 ERICSSON-PBL38813 Datasheet
299Kb / 16P
   Voice-switched Speakerphone Circuit with built in loudspeaker amplifier
logo
New Japan Radio
NJW1128 NJRC-NJW1128 Datasheet
257Kb / 13P
   Voice Switched Speakerphone Circuit with Speaker Amplifier
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com