Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL388131N Datasheet(PDF) 1 Page - Ericsson

Part # PBL388131N
Description  Voice-switched Speakerphone Circuit with built in loudspeaker amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL388131N Datasheet(HTML) 1 Page - Ericsson

  PBL388131N Datasheet HTML 1Page - Ericsson PBL388131N Datasheet HTML 2Page - Ericsson PBL388131N Datasheet HTML 3Page - Ericsson PBL388131N Datasheet HTML 4Page - Ericsson PBL388131N Datasheet HTML 5Page - Ericsson PBL388131N Datasheet HTML 6Page - Ericsson PBL388131N Datasheet HTML 7Page - Ericsson PBL388131N Datasheet HTML 8Page - Ericsson PBL388131N Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
January 1998
Figure 1. Block diagram.
24 pin DIP
PBL 388 13
Voice-switched Speakerphone Circuit
with built in loudspeaker amplifier
24 pin SO
Description.
1
The PBL 388 13 contains all the necessary circuitry, amplifiers, detectors,
comparator and control functions to implement a high performance, voice-switched,
loudspeaking, ”hands-free ” telephone. The gain dynamics (attenuation between
channels) is selectable (25dB or 50dB) via a separate pin. A background noise detector
in the transmitting channel reduces the influence of continuous external noise signals
to the switching .
The PBL 388 13 is designed for telephone systems that are either powered from
the telephone line or from a mains powered constant voltage dc. supply. The circuit
contains a transformerless audio power amplifier with a current supply circuitry
(patented) that eliminates the need of inductors. Automatic volume attenuation in the
power amplifier extends the operating range at low line currents. A special feature in
this circuit is that the power amplifier volume control can be implemented either as an
ac. potentiometer control or as a digital control by a
µ-processor (dc. control).
Filtering is possible of both, the audio and the speech switching control signals,
in both transmitter and receiver channels.
Key Features
Minimum of external components
needed for function.
Selectable gain dynamics. (25 or 50
dB)
Direct telephone line powered solution
(patented).
Low power consumption:
≈1mA at 3.3V
(typical) for speech switching, audio
power amplifier quiscent current
≈1mA.
Drives an 25 - 50 ohm loudspeaker
without a transformer.
Background noise compensation in the
transmitting channel with hold function
at receive.
Input amplifiers of both channels have
balanced inputs.
Exellent noise performance.
Encapsulated in 24 pin plastic ”skinny”
DIP and 24 pin SO .
+
F2
F3
F6
F5
F1
PBL 388 13
F4
22
21
3
1
2
76
8
9
13
14
11
23
16
17
18
20
24
4
+
+
+
19
10
12
Ref.
5
15
Control


Similar Part No. - PBL388131N

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38812 ERICSSON-PBL38812 Datasheet
133Kb / 10P
   Voice-switch circuit for Handsfree speakerphone TAM
PBL388121SO ERICSSON-PBL388121SO Datasheet
133Kb / 10P
   Voice-switch circuit for Handsfree speakerphone TAM
PBL388121SOT ERICSSON-PBL388121SOT Datasheet
133Kb / 10P
   Voice-switch circuit for Handsfree speakerphone TAM
PBL38814 ERICSSON-PBL38814 Datasheet
239Kb / 14P
   Voice - switched 2-channel Circuit with loudspeaker amplifier
PBL388141N ERICSSON-PBL388141N Datasheet
239Kb / 14P
   Voice - switched 2-channel Circuit with loudspeaker amplifier
More results

Similar Description - PBL388131N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
logo
New Japan Radio
NJW1128 NJRC-NJW1128 Datasheet
257Kb / 13P
   Voice Switched Speakerphone Circuit with Speaker Amplifier
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com