Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL386652QNT Datasheet(PDF) 11 Page - Ericsson

Part # PBL386652QNT
Description  Subscriber Line Interface Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386652QNT Datasheet(HTML) 11 Page - Ericsson

Back Button PBL386652QNT Datasheet HTML 7Page - Ericsson PBL386652QNT Datasheet HTML 8Page - Ericsson PBL386652QNT Datasheet HTML 9Page - Ericsson PBL386652QNT Datasheet HTML 10Page - Ericsson PBL386652QNT Datasheet HTML 11Page - Ericsson PBL386652QNT Datasheet HTML 12Page - Ericsson PBL386652QNT Datasheet HTML 13Page - Ericsson PBL386652QNT Datasheet HTML 14Page - Ericsson PBL386652QNT Datasheet HTML 15Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PBL 386 65/2
11
Preliminary
Figure 10. Hybrid function.
VT
Combination
CODEC/Filter
RTX
RFB
ZB
ZRX
ZT
VTX
RSN
VRX
PBL
386 65/2
Hybrid Function
The hybrid function can easily be imple-
mented utilizing the uncommitted amplifier
in conventional CODEC/filter combinations.
Please, refer to figure 10. Via impedance
Z
B a current proportional to VRX is injected
into the summing node of the combination
CODEC/filter amplifier. As can be seen
from the expression for the four-wire to
four-wire gain a voltage proportional to V
RX
is returned to V
TX. This voltage is converted
by R
TX to a current flowing into the same
summing node. These currents can be
made to cancel by letting:
V
TX +
V
RX = 0 (E
L = 0)
R
TX
Z
B
The four-wire to four-wire gain, G
4-4, in-
cludes the required phase shift and thus
the balance network Z
B can be calculated
from:
Z
B = - RTX
V
RX =
V
TX
Z
T - G
2-4S ( ZL + 2RF)
- R
TX
Z
RX
α
RSN
Z
T
G
2-4S ( ZL + 2RF)
When choosing R
TX, make sure the
output load of the VTX terminal is
> 20 k
Ω.
If calculation of the Z
B formula above
yields a balance network containing an
inductor, an alternate method is recom-
mended.
The PBL 386 65/2 SLIC may also be
used together with programmable CODEC/
filters. The programmable CODEC/filter
allows for system controller adjustment of
hybrid balance to accommodate different
line impedances without change of hard-
ware. In addition, the transmit and receive
gain may be adjusted. Please, refer to the
programmable CODEC/filter data sheets
for design information.
Longitudinal Impedance
A feed back loop counteracts longitudinal
voltages at the two-wire port by injecting
longitudinal currents in opposing phase.
Thus longitudinal disturbances will ap-
pear as longitudinal currents and the TIPX
and RINGX terminals will experience very
small longitudinal voltage excursions, leav-
ing metallic voltages well within the SLIC
common mode range.
The SLIC longitudinal impedance per wire,
Z
LoT and ZLoR, appears as typically 20 Ω to
longitudinal disturbances. It should be not-
ed that longitudinal currents may exceed
the dc loop current without disturbing the vf
transmission.
Capacitors C
TC and CRC
If RFI filtering is needed, the capacitors
designated C
TC and CRC in figure 13, con-
nected between TIPX and ground as well
as between RINGX and ground, may be
mounted.
C
TC and CRC work as RFI filters in con-
junction with suitable series impedances
(i.e. resistances, inductances). Resistors
R
F1 and RF2 may be sufficient, but series
inductances can be added to form a sec-
ond order filter. Current-compensated in-
ductors are suitable since they suppress
common-mode signals with minimum influ-
ence on return loss. Recommended values
for C
TC and CRC
are below 1 nF. Lower
values impose smaller degradation on re-
turn loss and longitudinal balance, but also
attenuate radio frequencies to a smaller
extent. The influence on the impedance
loop must also be taken into consideration
when programming the CODEC. C
TC and
C
RC contribute to a metallic impedance of
1/(
πfC
TC) = 1/(πfCRC), a TIPX to ground
impedance of 1/(2
πfC
TC) and a RINGX to
ground impedance of 1/(2
πfC
RC).
AC - DC Separation Capacitor, C
HP
The high pass filter capacitor connected
between terminals HP and RINGX pro-
vides the separation of the ac and dc
signals. C
HP positions the low end frequen-
cy response break point of the ac loop in the
SLIC. Refer to table 1 for recommended
value of C
HP.
Example: A C
HP value of 68
nF will
position the low end frequency response
3dB break point of the ac loop at 13 Hz (f
3dB)
according to f
3dB = 1/(2πRHPCHP) where
R
HP = 180
k
Ω.


Similar Part No. - PBL386652QNT

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38661-2 ERICSSON-PBL38661-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
PBL386612 ERICSSON-PBL386612 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
PBL386612QNS ERICSSON-PBL386612QNS Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
PBL386612QNT ERICSSON-PBL386612QNT Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results

Similar Description - PBL386652QNT

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com