Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL386402QNS Datasheet(PDF) 4 Page - Ericsson

Part # PBL386402QNS
Description  Subscriber Line Interface Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386402QNS Datasheet(HTML) 4 Page - Ericsson

  PBL386402QNS Datasheet HTML 1Page - Ericsson PBL386402QNS Datasheet HTML 2Page - Ericsson PBL386402QNS Datasheet HTML 3Page - Ericsson PBL386402QNS Datasheet HTML 4Page - Ericsson PBL386402QNS Datasheet HTML 5Page - Ericsson PBL386402QNS Datasheet HTML 6Page - Ericsson PBL386402QNS Datasheet HTML 7Page - Ericsson PBL386402QNS Datasheet HTML 8Page - Ericsson PBL386402QNS Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PBL 386 40/2
4
Parameter
fig
Conditions
Min
Typ
Max
Unit
Four-wire to longitudinal balance, B
FLE
4
0.2 kHz < f < 3.4 kHz
40
50
dB
E
RX
B
FLE = 20 · Log
V
Lo
Two-wire return loss, r
|Z
TR + ZL|
r = 20 · Log
|Z
TR - ZL|
0.2 kHz < f < 1.0 kHz
30
35
dB
1.0 kHz < f < 3.4 kHz, Note 3
20
22
dB
TIPX idle voltage, V
Ti
active, I
L < 5 mA
- 1.3
V
RINGX idle voltage, V
Ri
active, I
L < 5 mA
V
Bat +3.0
V
tip open, I
L < 5 mA
V
Bat +3.0
V
V
TR
active, I
L < 5 mA
V
Bat +4.3
V
Four-wire transmit port (VTX)
Overhead voltage, V
TXO, IL > 18mA
5
Load impedance > 20 k
Ω,
2.7
V
Peak
1% THD, Note 4
On-hook, I
L < 5mA
1.1
V
Peak
Output offset voltage,
∆V
TX
-100
0
100
mV
Output impedance, z
TX
0.2 kHz < f < 3.4 kHz
15
50
Four-wire receive port (RSN)
Receive summing node (RSN) DC voltage
I
RSN = -55 µA
1.15
1.25
1.35
V
Receive summing node (RSN) impedance
0.2 kHz < f < 3.4 kHz
8
20
Receive summing node (RSN)
0.3 kHz < f < 3.4 kHz
current (I
RSN) to metallic loop current (IL)
200
ratio
gain,
α
RSN
Frequency response
Two-wire to four-wire, g
2-4
6
relative to 0 dBm, 1.0 kHz. E
RX = 0 V
0.3 kHz < f < 3.4 kHz
-0.20
0.10
dB
f = 8.0 kHz, 12 kHz, 16 kHz
-1.0
0.1
dB
Figure 4. Metallic to longitudinal and four-
wire to longitudinal balance
1
<< 150
Ω, R
LT =RLR =RL /2 =300Ω
ωC
R
T = 120 kΩ, RRX = 60 kΩ
Figure 5. Overhead voltage, V
TXO, four-
wire transmit port
1
<< R
L, RL = 600 Ω
ωC
R
T = 120 kΩ, RRX = 60 kΩ
Ref
PBL 386 40/2
TIPX
RINGX
RSN
VTX
RT
RRX
ERX
RLT
C
VTR
RLR
VLo
PBL 386 40/2
TIPX
RINGX
RSN
VTX
RT
RRX
RL
ILDC
C
EL
VTXO


Similar Part No. - PBL386402QNS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results

Similar Description - PBL386402QNS

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com