Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL386402SHT Datasheet(PDF) 11 Page - Ericsson

Part # PBL386402SHT
Description  Subscriber Line Interface Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386402SHT Datasheet(HTML) 11 Page - Ericsson

Back Button PBL386402SHT Datasheet HTML 7Page - Ericsson PBL386402SHT Datasheet HTML 8Page - Ericsson PBL386402SHT Datasheet HTML 9Page - Ericsson PBL386402SHT Datasheet HTML 10Page - Ericsson PBL386402SHT Datasheet HTML 11Page - Ericsson PBL386402SHT Datasheet HTML 12Page - Ericsson PBL386402SHT Datasheet HTML 13Page - Ericsson PBL386402SHT Datasheet HTML 14Page - Ericsson PBL386402SHT Datasheet HTML 15Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PBL 386 40/2
11
Figure 10. Hybrid function.
When choosing R
TX, make sure the output
load of the VTX terminal is >20 k
Ω.
If calculation of the Z
B formula above
yields a balance network containing an
inductor, an alternate method is recom-
mended. Contact Ericsson Microelectron-
ics for assistance.
The PBL 386 40/2 SLIC may also be
used together with programmable
CODEC/filters. The programmable
CODEC/filter allows for system controller
adjustment of hybrid balance to accom-
modate different line impedances without
change of hardware. In addition, the
transmit and receive gain may be ad-
justed. Please, refer to the programm-
able CODEC/filter data sheets for design
information.
Longitudinal Impedance
A Feed back loop counteracts longitudi-
nal voltages at the two-wire port by
injecting longitudinal currents in opposing
phase.
Thus longitudinal disturbances will
appear as longitudinal currents and the
TIPX and RINGX terminals will experi-
ence very small longitudinal voltage
excursions, leaving metallic voltages well
within the SLIC common mode range.
The SLIC longitudinal impedance per
wire, Z
LoT and ZLoR, appears as typically
20
Ω to longitudinal disturbances. It
should be noted that longitudinal currents
may exceed the dc loop current without
disturbing the vf transmission.
Capacitors C
TC and CRC
The capacitors designated C
TC and CRC
in figure 12, connected between TIPX
and ground as well as between RINGX
and ground, can be used for RFI filter-
ing.. The recommended value for C
TC
and C
RC is 2200 pF. Higher capacitance
values may be used, but care must be
taken to prevent degradation of either
longitudinal balance or return loss. C
TC
and C
RC contribute to a metallic imped-
ance of 1/(
π·f·C
TC) = 1/(π·f·CRC), a TIPX to
ground impedance of 1/(2·
π·f·C
TC) and a
RINGX to ground impedance of 1/
(2·
π·f·C
RC).
AC - DC Separation Capacitor, C
HP
The high pass filter capacitor connected
between terminals HP and TIPX provides
the separation of the ac signal from the
dc part. C
HP positions the low end
VT
Combination
CODEC/Filter
RTX
RFB
ZB
ZRX
ZT
VTX
RSN
VRX
PBL
386 40/2
frequency response break point of the ac
loop in the SLIC. Refer to table 1 for
recommended values of C
HP.
Example: A C
HP value of 150 nF will
position the low end frequency response
3dB break point of the ac loop at 1.8 Hz
(f
3dB) according to f3dB = 1/(2·π·RHP·CHP)
where R
HP = 600 kΩ.
High-Pass Transmit Filter
The capacitor C
TX in figure 12 connected
between the VTX output and the
CODEC/filter forms, together with R
TX
and/or the input impedance of a pro-
grammable CODEC/filter, a high-pass
RC filter. It is recommended to position
the 3 dB break point of this filter between
30 and 80 Hz to get a faster response for
the dc steps that may occur at DTMF
signalling.
Capacitor C
LP
The capacitor C
LP, which connects between
the terminals CLP and VBAT, positions
together with the resistive loop feed resis-
tor R
SG (see section Battery Feed), the high
end frequency break point of the low pass
filter in the dc loop in the SLIC. C
LP together
with R
SG, CHP and ZT (see section Two-Wire
Impedance) forms the total two wire output
impedance of the SLIC. The choise of
these programmable components have an
influence on the power supply rejection
ratio (PSRR) from VBAT to the two wire
side at sub-audio frequencies. At these
frequencies capacitor C
LP also influences
the transversal to longitudinal balance in
the SLIC. Table 1 suggests suitable values
on C
LP for different Feeding characteristics.
Typical values of the transversal to longitu-
dinal balance (T-L bal.) at 200Hz is given in
table 1 for the chosen values on C
LP.
R
Feed
R
SG
C
LP
T-L bal. C
HP
@200Hz
[
][k]
[nF]
[dB]
[nF]
2
⋅50
0
150
-46
47
2
⋅200
60.4
100
-46
150
2
⋅400
147
47
-43
150
2
⋅800
301
22
-36
150
Table 1. R
SG , CLP and CHP values for
different Feeding characteristics.


Similar Part No. - PBL386402SHT

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results

Similar Description - PBL386402SHT

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com